Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 10Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 11Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 12Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 13Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 14Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 15Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
12
Hardware Mode
The ES9039Q2M has pre-configured modes that can be set with external pin configuration. These modes configure the
DAC for different input serial data rates and set the DAC muting.
Note: All Synchronous hardware modes have Automatic FS (sample rate) detection enabled.
These modes are set with pins:
• MODE (Pin 29)
• HW0 (Pin 16)
• HW1 (Pin 15)
• HW2 (Pin 19)
• MUTE_CTRL (Pin 20)
Each hardware mode pin has 4 states:
• 0 - Pin directly connected to GND
• 1 - Pin directly connected to AVDD
• Pull 0 - Pin pulled to GND through 47kΩ resistor
• Pull 1 - Pin pulled to AVDD through 47kΩ resistor
In Hardware mode, most GPIOs have specific functions.
GPIO #
Input/Output
HW Mode Function
GPIO1
Output
Automute Status (AND of both channels)
GPIO2
Output
SRC Lock (Reg 249[2] register for readback)
GPIO3
Output
Daisy chain mode data output
GPIO4
Input
S/PDIF input in HW mode (HW modes 16-18)
GPIO5
Input
DoP HW enable:
• 1’b0: DoP disabled
• 1’b1: DoP enabled
Note: Requires a PCM (I²S/LJ/TDM) HW mode to be selected
GPIO6
Input
FIR filter selection:
• 1’b0: minimum phase (register default)
• 1’b1: Linear phase fast roll-off
Note: See section on Digital Filters for more information
GPIO7
Ground
Must be connected to Ground in HW mode (Pin 27)
GPIO8
Input
CAL_RES input (Calibration Resistor) See calibration section for
more information
Table 5 - GPIO Function in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com