Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 70 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 70 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 66Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 67Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 68Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 69Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 70Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 71Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 72Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 73Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 74Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
70
Register 39: GPIO5/6 CONFIG
Bits
[7:4]
[3:0]
Default
4'd0
4'd0
Bits
Mnemonic
Description
[7:4]
GPIO6_CFG
Configures GPIO6
• 4'd0: Analog shutdown - shutdown (default)
• 4'd1: Output 0 – output
• 4'd2: Output 1 – output
• 4'd3: CLK_BCK – output
• 4'd4: Interrupt – output
• 4'd5: Mute all channels – input
• 4'd6: System mode control – input
• 4'd7: Lock status – output
• 4'd8: External DEM – output
• 4'd9: PWM1 signal – output
• 4'd10: PWM2 signal – output
• 4'd11: PWM3 signal – output
• 4'd12: Minimum volume – output
• 4'd13: Automute status – output
• 4'd14: Soft ramp done – output
• 4'd15: Reserved
[3:0]
GPIO5_CFG
Configures GPIO5
• 4'd0: Analog shutdown - shutdown (default)
• 4'd1: Output 0 – output
• 4'd2: Output 1 – output
• 4'd3: CLKEN_1FS – output
• 4'd4: Interrupt – output
• 4'd5: Mute all channels – input
• 4'd6: System mode control – input
• 4'd7: Lock status – output
• 4'd8: External DEM – output
• 4'd9: PWM1 signal – output
• 4'd10: PWM2 signal – output
• 4'd11: PWM3 signal – output
• 4'd12: Minimum volume – output
• 4'd13: Automute status – output
• 4'd14: Soft ramp done – output
• 4'd15: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com