Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 33 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 33 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 33Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 34Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 35Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 36Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 37Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
VERSION 0.2.2
33
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Customizable Programmable FIR Filters
The ES9039Q2M has an 8x interpolation oversampling FIT filter that is programmable. It is a combination of 2 filters, a 4x
FIR filter and a 2x FIR filter.
These filters can be bypassed using Register 90[1] BYPASS_FIR4X & 90[0] BYPASS_FIR2X, which will source data to the
IIR filter. It is recommended to use an 8xFS input if the bypass is used. For example, an external signal at 44.1kHz can be
oversampled externally to 8 x 44.1kHz = 352.8kHz and then applied to the serial decoder in either I²S, LJ or RJ format.
The addresses for the two filters are:
• 2x FIR, Address 0x00 - 0x7F (0 - 127), 128 coefficients
• 4x FIR, Address 0x80 - 0x9F (128 - 159), 32 coefficients
To program the filters, the following registers are required:
• Register 135: PROGRAM RAM CONTROL
o
[1] PROG_COEFF_WE
▪
Enables writing to the programable coefficient RAM
o
[0] PROG_COEFF_EN
▪
Use the built-in filters or custom filter
• Register 137: PROGRAM RAM ADDRESS
o
[7] PROG_COEFF_STAGE
▪
Choose which FIT stage to write to, either 4x or 2x
o
[6:0] PROG_COEFF_ADDR
▪
Selects the coefficient address when writing custom coefficients for the interpolation oversampling
filter
• Register 140-138: PROGRAM RAW DATA
o
24-bit signed filter coefficient to the address defined by PROG_COEFF_ADDR
• Register 248-246: PROG COEFF OUT READ
o
Used to readback the programmed coefficients
An example sequence of programming a coefficient into RAM:
Write Reg 137 0
// RAM Address = 0, 2x stage
Write Reg 138 32
// Set data bits [7:0] of 24 bit coefficient
Write Reg 139 255
// Set data bits [15:8]
Write Reg 140 255
// Set data bits [23:16]
Write Reg 135 0x02
// Write 24 bit coefficient to RAM
Write Reg 135 0x00
// Reset write enable
Repeat for all 4x and 2x coefficient addresses.
An application note the programming sequence and sample code is available from your ESS Distributor or FAE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com