Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 86 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 86 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 82Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 83Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 84Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 85Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 86Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 87Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 88Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 89Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 90Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
86
Register 90: DAC PATH CONFIG
Bits
[7:3]
[2]
[1]
[0]
Default
5'b00000
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:3]
RESERVED
N/A
[2]
BYPASS_IIR
Bypass the IIR filter.
• 1'b0: Non-bypassed (default)
• 1'b1: Bypassed
[1]
BYPASS_FIR4X
Bypass the 4X FIR filter.
• 1'b0: Non-bypassed (default)
• 1'b1: Bypassed
[0]
BYPASS_FIR2X
Bypass the 2X FIR filter.
• 1'b0: Non-bypassed (default)
• 1'b1: Bypassed
Register 94-91: THD C2
Bits
[31:16]
[15:0]
Default
16'd0
16'd0
Bits
Mnemonic
Description
[31:16]
THD_C2_CH2
A 16-bit signed coefficient for correcting for the CH2 second
harmonic distortion.
������������������������������������ = ������ + ������2 · ������2 + ������3 · ������3
[15:0]
THD_C2_CH1
A 16-bit signed coefficient for correcting for the CH1 second
harmonic distortion.
������������������������������������ = ������ + ������2 · ������2 + ������3 · ������3
Register 106-95: RESERVED
Register 110-107: THD C3
Bits
[31:16]
[15:0]
Default
16'd0
16'd0
Bits
Mnemonic
Description
[31:16]
THD_C3_CH2
A 16-bit signed coefficient for correcting for the CH2 third
harmonic distortion.
������������������������������������ = ������ + ������2 · ������2 + ������3 · ������3
[15:0]
THD_C3_CH1
A 16-bit signed coefficient for correcting for the CH1 third
harmonic distortion.
������������������������������������ = ������ + ������2 · ������2 + ������3 · ������3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com