Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 10Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 11Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 12Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 13Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 14Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
VERSION 0.2.2
11
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Feature List
The ES9039Q2M is a SABRE® 2 channel high performance digital to analog converter (DAC) with features and
performance including the new Hyperstream IV modulator that produced a very high-performance device that is well suited
for a variety of applications.
In addition to improved performance, the new ES9039Q2M SABRE DAC now supports the TDM audio interface, SPI (or
I²C) control interface and hardware modes for simplifying device configuration.
TDM, I²S including LJ & RJ, DSD & DoP audio interfaces are supported.
Sample rates up to 768kHz (@ 64FS Mode) with PCM data with 2 selectable digital filters to choose from and a
programmable filter for custom sound signatures. DSD rates up to DSD1024 (512 x 44.1kHz) are also supported.
Configuration Modes
The ES9039Q2M has 4 control programming modes. They are controlled by the state of the MODE pin (Pin 29).
MODE PIN
Configuration
0
I²C Interface
Pull Low
HW control mode (see Hardware Mode Table)
Pull High
HW control mode (see Hardware Mode Table)
1
SPI Interface
Table 2 - Mode Pin Configuration Options
Software Mode
The ES9039Q2M supports I²C or SPI serial communication to configure registers. There are two types of registers,
read/write and read-only registers.
I²C
• MODE (Pin 29) - GND
• Connect per I²C standard
o
SDA (Pin 16)
o
SCL (Pin 15)
o
ADDR0 (Pin 20)
o
ADDR1 (Pin 19)
SPI
• MODE (Pin 29) - AVDD
• Connect per SPI standard
o
MOSI (Pin 16)
o
SCLK (Pin 15)
o
SS (Pin 19)
o
MISO (Pin 20)
I²C Address
ADDR1
ADDR0
0x90
GND
GND
0x92
GND
AVDD
0x94
AVDD
GND
0x96
AVDD
AVDD
Table 3 - I²C Addresses
SPI Command First Byte
Write
3
Read
1
Table 4 - SPI Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com