Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 89 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 89 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 85Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 86Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 87Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 88Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 89Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 90Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 91Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 92Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 93Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
VERSION 0.2.2
89
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Register 134-131: RESERVED
Register 135: PROGRAM RAM CONTROL
Bits
[7]
[6:2]
[1]
[0]
Default
1'b0
5'b00000
1'b0
1'b0
Bits
Mnemonic
Description
[7]
SPDIF_LOAD_USER_BITS
Selects whether the S/PDIF Channel Status or User Data bits
are available to readback from the register interface.
Subframes A and B must have the same user data bits for
readback.
• 1'b0: Channel Status bits on the register interface (default)
• 1'b1: User Data bits on the register interface
[6:2]
RESERVED
N/A
[1]
PROG_COEFF_WE
Enables writing to the programmable coefficient RAM.
• 1'b0: Disables write signal to the coefficient RAM (default).
• 1'b1: Enables write signal to the coefficient RAM.
[0]
PROG_COEFF_EN
Enables the custom oversampling filter coefficients.
• 1'b0: Uses a built-in filter selected by filter_shape (default).
• 1'b1: Uses the coefficients programmed via
prog_coeff_data.
Register 136: S/PDIF READ CONTROL
Bits
[7:5]
[4:0]
Default
3'b000
5'd0
Bits
Mnemonic
Description
[7:5]
RESERVED
N/A
[4:0]
SPDIF_DATA_SEL
Selects the byte of the S/PDIF payload in register 251
spdif_payload_read
• 24 bytes total
Register 137: PROGRAM RAM ADDRESS
Bits
[7]
[6:0]
Default
1'b0
7'd0
Bits
Mnemonic
Description
[7]
PROG_COEFF_STAGE
Selects which stage of the filter to write.
• 1'b0: Selects the 2x stage of the oversampling filter
(default).
• 1'b1: Selects the 4x stage of the oversampling filter.
[6:0]
PROG_COEFF_ADDR
Selects the coefficient address when writing custom coefficients
for the oversampling filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com