Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 45 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 45 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 41Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 42Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 43Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 44Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 45Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 46Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 47Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 48Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
VERSION 0.2.2
45
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
64FS Mode
When 64FS (MCLK/FS ratio) is required, it is necessary for the ES9039Q2M to be running in 64FS Mode. 64FS Mode can
be manually entered by setting ENABLE_64FS_MODE to 1’b1, overriding the AUTO_FS_DETECT logic.
If using automatic sample rate detection with AUTO_FS_DETECT, 64FS Mode can be automatically accessed, unless
AUTO_FS_DETECT_BLOCK_64FS is set to 1’b1.
Software Registers
• Register 0[6] ENABLE_64FS_MODE
o
Use for 64FS ratios, including 705.6/768kHz sample rates
• Register 3[7] AUTO_FS_DETECT
o
1’b0: Manually set sample rate with Register 1[6:0]
o
1’b1: Automatically determine the sample rate (default)
• Register 5[0] AUTO_FS_DETECT_BLOCK_64FS
o
1’b0: Allows AUTO_FS_DETECT to enter 64FS Mode (default)
o
1’b1: Blocks AUTO_FS_DETECT from entering 64FS mode
This mode enables the Minimum Phase 64FS filter. See filter properties.
Minimum Phase 64FS Mode Latency
The following table shows the simulated latency at 705.6kHz sampling rate and is scaled at 768kHz. The measurement was
taken from the external impulse response. The extra sample delay to get the data encoded accounts for external processing
time to serialize the data stream. Latency delay will reduce (scale) with sampling rate.
Digital Filter
Delay(us) @
FS = 705.6 kHz
Minimum Phase Double Rate
8us
Table 22 - Minimum Phase 64FS Latency
Minimum Phase 64FS Properties
Minimum Phase 64FS Mode
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3dB
0.45FS
Hz
Stop band
-61dB
0.68FS
Hz
Group Delay
1.55/FS
2.35/FS
s
Flatness (ripple)
dB
Table 23 - Minimum Phase 64FS Properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com