Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 60 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 60 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 56Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 57Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 58Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 59Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 60Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 61Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 62Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 63Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 64Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
60
Register 2: RESERVED
Register 3: DAC CLOCK CONFIG
Bits
[7]
[6]
[5:0]
Default
1'b1
1'b0
6'd0
Bits
Mnemonic
Description
[7]
AUTO_FS_DETECT
Automatically determine optimal (SYS_CLK/CLK_IDAC ratio)
according to detected FS.
• 1'b0: Disabled, use reg 3[5:0] SELECT_IDAC_NUM to set
ratio.
• 1'b1: Enabled, overrides reg 3[5:0] SELECT_IDAC_NUM
(default)
Note: Cannot be used in ASYNC mode.
[6]
SELECT_IDAC_HALF
• 1'b0: Divide by SELECT_IDAC_NUM + 1 (default)
• 1'b1: Divide by half of SELECT_IDAC_NUM + 1
Note: Can only produce half of an odd number divide
[5:0]
SELECT_IDAC_NUM
CLK_IDAC divider. Whole number divide value + 1 for
CLK_IDAC (SYS_CLK/divide_value).
• 6'd0: Whole number divide value + 1 = 1
• 6'd1: Whole number divide value + 1 = 2
• 6'd63: Whole number divide value + 1 = 64
Register 4: CLOCK CONFIG
Bits
[7:0]
Default
8'd7
Bits
Mnemonic
Description
[7:0]
MASTER_BCK_DIV
Master mode clock divider. Whole number divide value + 1 for
CLK_Master (SYS_CLK/divide_value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com