Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 57 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 57 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 53Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 54Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 55Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 56Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 57Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 58Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 59Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 60Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 61Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
VERSION 0.2.2
57
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
0x57
87
DAC INVERT
RESERVED
DAC_INVERT_
CH2
DAC_INVERT_
CH1
0x58
88
FILTER SHAPE
RESERVED
FILTER_SHAPE
0x59
89
IIR BANDWIDTH & S/PDIF SEL
SPDIF_SEL
VOLUME_HOLD
IIR_BW
0x5A
90
DAC PATH CONFIG
RESERVED
BYPASS_IIR
BYPASS_FIR4X
BYPASS_FIR2X
0x5B
91
THD C2
THD_C2_CH1
0x5C
92
THD_C2_CH1
0x5D
93
THD_C2_CH2
0x5E
94
THD_C2_CH2
0x5F-
0x6A
95-
106
RESERVED
RESERVED
0x6B
107
THD C3
THD_C3_CH1
0x6C
108
THD_C3_CH1
0x6D
109
THD_C3_CH2
0x6E
110
THD_C3_CH2
0x6F-
0x7A
111-
122
RESERVED
RESERVED
0x7B
123
AUTOMUTE ENABLE
RESERVED
AUTOMUTE_EN
_CH2
AUTOMUTE_EN
_CH1
0x7C
124
AUTOMUTE TIME
AUTOMUTE_TIME
0x7D
125
EXTERNAL_
DEM_IE
EXTERNAL_
DEM
RESERVED
MUTE_RAMP_
TO_GROUND
AUTOMUTE_TIME
0x7E
126
AUTOMUTE LEVEL
AUTOMUTE_LEVEL
0x7F
127
AUTOMUTE_LEVEL
0x80
128
AUTOMUTE OFF LEVEL
AUTOMUTE_OFF_LEVEL
0x81
129
AUTOMUTE_OFF_LEVEL
0x82
130
SOFT RAMP CONFIG
RESERVED
SOFT_RAMP_TIME
0x83-
0x86
131-
134
RESERVED
RESERVED
0x87
135
PROGRAM RAM CONTROL
SPDIF_LOAD_
USER_BITS
RESERVED
PROG_COEFF_
WE
PROG_COEFF_
EN
0x88
136
S/PDIF READ CONTROL
RESERVED
SPDIF_DATA_SEL
0x89
137
PROGRAM RAM ADDRESS
PROG_COEFF_
STAGE
PROG_COEFF_ADDR
0x8A
138
PROGRAM RAM DATA
PROG_COEFF_IN
0x8B
139
PROG_COEFF_IN
0x8C
140
PROG_COEFF_IN
0x8D-
0x91
141-
145
RESERVED
RESERVED
0xE0
224
RESERVED
RESERVED
0xE1
225
CHIP ID READ
CHIP_ID
0xE2-
0xE4
226
RESERVED
RESERVED
0xE5
229
INTERRUPT STATES
BCK_WS_FAIL_
STATE
DOP_VALID_
STATE
SS_FULL_RAMP_STATE
AUTOMUTE_STATE
VOL_MIN_STATE
0xE6
230
RESERVED
INPUT_SELECT_OVERRIDE_STATE
TDM_DATA_
VALID_STATE
RESERVED
0xE7-
0xE9
231-
233
RESERVED
RESERVED
0xEA
234
INTERRUPT SOURCES
BCK_WS_FAIL_
SOURCE
DOP_VALID_
SOURCE
SS_FULL_RAMP_SOURCE
AUTOMUTE_SOURCE
VOL_MIN_SOURCE
0xEB
235
RESERVED
INPUT_SELECT_OVERRIDE_
SOURCE
TDM_DATA_
VALID_SOURCE
RESERVED
0xEC-
0xEF
236-
239
RESERVED
RESERVED
0xF0
240
GPIO READBACK
GPIO8_I_READ
GPIO7_I_READ
GPIO6_I_READ
GPIO5_I_READ
GPIO4_I_READ
GPIO3_I_READ
GPIO2_I_READ
GPIO1_I_READ
0xF1
241
VOL MIN READ
RESERVED
VOL_MIN_CH2
VOL_MIN_CH1
0xF2
242
AUTOMUTE READ
RESERVED
AUTOMUTE_
CH2
AUTOMUTE_
CH1
0xF3
243
SOFT RAMP UP READ
RESERVED
SS_RAMP_UP_
CH2
SS_RAMP_UP_
CH1
0xF4
244
SOFT RAMP DOWN READ
RESERVED
SS_RAMP_
DOWN_CH2
SS_RAMP_
DOWN_CH1
0xF5
245
INPUT STREAM READBACK
RESERVED
SPDIF_VALID
TDM_DATA_
VALID
DOP_VALID
INPUT_SELECT_OVERRIDE
0xF6
246
PROG COEFF OUT READ
PROG_COEFF_OUT
0xF7
247
PROG_COEFF_OUT
0xF8
248
PROG_COEFF_OUT
0xF9-
0xFA
249-
250
RESERVED
RESERVED
0xFB
251
S/PDIF DATA READ
SPDIF_DATA_READ
Table 32 - Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com