Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 73 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 73 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 69Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 70Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 71Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 72Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 73Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 74Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 75Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 76Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 77Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
VERSION 0.2.2
73
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Register 42: GPIO INPUT
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
GPIO8_SDB
• 1'b0: Disables GPIO8 input (default)
• 1'b1: Enables GPIO8 input
[6]
GPIO7_SDB
• 1'b0: Disables GPIO7 input (default)
• 1'b1: Enables GPIO7 input
[5]
GPIO6_SDB
• 1'b0: Disables GPIO6 input (default)
• 1'b1: Enables GPIO6 input
[4]
GPIO5_SDB
• 1'b0: Disables GPIO5 input (default)
• 1'b1: Enables GPIO5 input
[3]
GPIO4_SDB
• 1'b0: Disables GPIO4 input (default)
• 1'b1: Enables GPIO4 input
[2]
GPIO3_SDB
• 1'b0: Disables GPIO3 input (default)
• 1'b1: Enables GPIO3 input
[1]
GPIO2_SDB
• 1'b0: Disables GPIO2 input (default)
• 1'b1: Enables GPIO2 input
[0]
GPIO1_SDB
• 1'b0: Disables GPIO1 input (default)
• 1'b1: Enables GPIO1 input
Register 43: GPIO WK EN
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
GPIO8_WK_EN
• 1'b0: GPIO8 weak keeper disabled (default)
• 1'b1: GPIO8 weak keeper enabled
[6]
GPIO7_WK_EN
• 1'b0: GPIO7 weak keeper disabled (default)
• 1'b1: GPIO7 weak keeper enabled
[5]
GPIO6_WK_EN
• 1'b0: GPIO6 weak keeper disabled (default)
• 1'b1: GPIO6 weak keeper enabled
[4]
GPIO5_WK_EN
• 1'b0: GPIO5 weak keeper disabled (default)
• 1'b1: GPIO5 weak keeper enabled
[3]
GPIO4_WK_EN
• 1'b0: GPIO4 weak keeper disabled (default)
• 1'b1: GPIO4 weak keeper enabled
[2]
GPIO3_WK_EN
• 1'b0: GPIO3 weak keeper disabled (default)
• 1'b1: GPIO3 weak keeper enabled
[1]
GPIO2_WK_EN
• 1'b0: GPIO2 weak keeper disabled (default)
• 1'b1: GPIO2 weak keeper enabled
[0]
GPIO1_WK_EN
• 1'b0: GPIO1 weak keeper disabled (default)
• 1'b1: GPIO1 weak keeper enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com