Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 48 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 48 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 44Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 45Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 46Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 47Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 48Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 49Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 50Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 51Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 52Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
48
Absolute Maximum Ratings
PARAMETER
RATING
Positive Supply Voltage
• AVCC_DAC1
• AVCC_DAC2
• AVDD
• VCCA
• DVDD
• -0.3V to +3.8V with respect to Ground
• -0.3V to +3.8 V with respect to Ground
• -0.3V to +3.7 V with respect to Ground
• -0.3V to +3.7 V with respect to Ground
• -0.3V to +1.4 V with respect to Ground
Storage Temperature
-65ºC to +150ºC
Operating Junction temperature
+125ºC
Voltage Range for Digital Input Pins
-0.3V to AVDD(nom)+0.3V
ESD Protection
Human Body Model (HBM)
Charge Device Model (CDM)
2kV
500V
Table 24 - Absolute Maximum Ratings
WARNING: Stresses beyond those listed under here may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions is not implied.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD
when handling this device.
I/O Electrical Characteristics
PARAMETER
SYMBOL
MINIMUM
MAXIMUM
UNIT
High-Level Input Voltage
VIH
(AVDD / 2) + 0.4
V
Low-Level Input Voltage
VIL
0.4
V
High-Level Output Voltage
VOH
AVDD - 0.2
V
Low-Level Output Voltage
VOL
0.2
V
Table 25 - I/O Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com