Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 47 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 47 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 43Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 44Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 45Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 46Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 47Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 48Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 49Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 50Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 51Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
VERSION 0.2.2
47
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Analog Features
Calibration Resistor
The ES9039Q2M features a ~50kΩ integrated resistor that is used for calibration of DAC voltage supplies AVCC_DAC1
and AVCC_DAC2. This calibration is required to maintain output level from device to device with the process varying DAC
output impedance. The calibration resistor is accessible through GPIO8 (Pin 28) and terminated to ground as shown in the
below figure.
To calibrate the AVCC_DAC1 and AVCC_DAC2 voltage supplies, a circuit is required to generate the voltage supply based
on the resistor value. This can be done by generating a constant current and using that current through the internal
calibration resistor to generate the reference voltage. This voltage is then buffered for the AVCC_DACx supply.
The ultra low noise ESS ES9312 voltage regulator features a calibration mode that can be paired with the ES9039Q2M
AVCC_DAC1 and AVCC_DAC2 supplies. The ES9312 connects to the ES9039Q2M integrated calibration resistor, on
GPIO8, and adjusts the DAC output supplies to maintain a tighter distribution on the output level. See Recommended
Power Supply for connections.
By default, the switch is closed (CAL_RES_ENB = 1’b0), Register 42[7] = 1’b0 (input disabled), and Register 41[7]
GPIO8_OE = 1’b0 (tristated).
Figure 17 - GPIO8 Digital I/O with Calibration Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com