Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 20Page - ams-OSRAM AG CMV300 Datasheet HTML 21Page - ams-OSRAM AG CMV300 Datasheet HTML 22Page - ams-OSRAM AG CMV300 Datasheet HTML 23Page - ams-OSRAM AG CMV300 Datasheet HTML 24Page - ams-OSRAM AG CMV300 Datasheet HTML 25Page - ams-OSRAM AG CMV300 Datasheet HTML 26Page - ams-OSRAM AG CMV300 Datasheet HTML 27Page - ams-OSRAM AG CMV300 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 22 of 54
© 2016 CMOSIS bvba
4.1.3.1 4 OUTPUTS
The figure below shows the location of the image pixels versus the output channel of the image sensor.
IDLE
Pixel 0 to 323
Channel 1
IDLE
Channel 2
Row 1
Pixel 324 to 647
Pixel 0 to 323
Row 3
Pixel 324 to 647
IDLE
Pixel 0 to 323
Channel 3
IDLE
Channel 4
Pixel 324 to 647
Pixel 0 to 323
Pixel 324 to 647
Row 2
Row 4
Bottom
channels
Top
channels
FIGURE 20: PIXEL REMAPPING FOR 4 OUTPUT CHANNELS
4 bursts (2 x 2) of 324 pixels happen in parallel on the data outputs. This means that two complete rows are read out in
one burst. The amount of rows that will be read out depends on the value in the corresponding register. By default
there are 488 rows being read out.
4.1.3.2 2 OUTPUTS
When only 2 outputs are used, the pixel data is placed on the outputs as detailed in the figure below. 2 bursts of 324
pixels happen in parallel on the data outputs. This means that one complete row is read out in one burst. The time
needed to read out two rows is doubled compared to when 4 outputs are used. The top LVDS channels are not being
used in this mode, so they can be turned off by setting the correct bits in the register with address 81. Turning off these
channels will reduce the power consumption of the chip. The amount of rows that will be read out depends on the value
in the corresponding register. By default there are 488 rows being read out.
IDLE
Pixel 0 to 323
Channel 1
IDLE
Channel 2
Row 1
Pixel 324 to 647
Pixel 0 to 323
Row 2
Pixel 324 to 647
Bottom
channels
FIGURE 21: PIXEL REMAPPING FOR 2 OUTPUT CHANNELS
4.1.3.3 1 OUTPUT
When only 1 output is used, 1 burst of 324 pixels happens on the data outputs. This means that one complete row is
read out in 2 bursts. The time needed to read out one row is 2x longer compared to when 2 outputs are used. The top
LVDS channels are not being used in this mode, so these and the remaining bottom channel can be turned off by
setting the correct bits in the register with address 81. Turning off these channels will reduce the power consumption
of the chip. The amount of rows that will be readout depends on the value in the corresponding register. By default
there are 488 rows being read out
IDLE
Pixel 0 to 323
Channel 1
Row 1
Pixel 0 to 323
Pixel 324 to 647
Row 2
Pixel 324 to 647
FIGURE 22: PIXEL REMAPPING FOR 1 OUTPUT CHANNEL
4.1.4 CONTROL CHANNEL
The CMV300 has one LVDS output channel dedicated for the valid data synchronization and timing of the output
channels. The end user must use this channel to know when valid image data or training data is available on the data
output channels.
The control channel transfers status information in 12-bit word format. Every bit of the word has a specific function.
Next table describes the function of the individual bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com