Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 46Page - ams-OSRAM AG CMV300 Datasheet HTML 47Page - ams-OSRAM AG CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG CMV300 Datasheet HTML 50Page - ams-OSRAM AG CMV300 Datasheet HTML 51Page - ams-OSRAM AG CMV300 Datasheet HTML 52Page - ams-OSRAM AG CMV300 Datasheet HTML 53Page - ams-OSRAM AG CMV300 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 48 of 54
© 2016 CMOSIS bvba
Pin number
Pin name
Description
Block
Type
E1
CMD_ramp
Decouple with with 100nF to VDD33
ADC
Bias
E2
Vpch_L
Decouple with with 100nF to GND
Pixel array
Bias
E3
Vbgap
Decouple with with 100nF to GND
Pixel array
Bias
E4
NC
Not connected
NA
E5
NC
Not connected
NA
E6
NC
Not connected
NA
E7
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
E8
GND
Connect to GND
GND
F1
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
F2
VDDpix
Connect to 3.0V supply
Pixel array
Supply
F3
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
F4
FRAME_REQ
Digital input, 3.3V signaling
Sequencer
IO
F5
Data_valid
CMOS output, VDD20 signaling
CMOS Out
Output
F6
T_EXP2
Digital input, 3.3V signaling
Sequencer
IO
F7
CLK_IN
Master clock input (max 25MHz), 3.3V signaling
Sequencer
IO
F8
SPI_CLK
SPI input, 3.3V signaling
SPI
IO
G1
Vtf_L
Decouple with with 100nF to GND
Pixel array
Bias
G2
Vtf_L2
Decouple with with 100nF to GND
Pixel array
Bias
G3
VDD20
Connect to 2.2V supply
LVDS, ADC
Supply
G4
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
G5
D1
Image data output, VDD20 signaling
LVDS
Output
G6
D3
Image data output, VDD20 signaling
LVDS
Output
G7
Line_valid
CMOS output, VDD20V signaling
LVDS
Output
G8
T_EXP1
Digital input, 3.3V signaling
Sequencer
IO
H1
Vtf_L3
Decouple with with 100nF to GND
Pixel array
Bias
H2
GND
Connect to GND
GND
H3
GND
Connect to GND
GND
H4
VDDpix
Connect to 3.0V supply
Pixel array
Supply
H5
GND
Connect to GND
GND
H6
D0
Image data output, VDD20 signaling
CMOS Out
Output
H7
D2
Image data output VDD20 signaling
CMOS Out
Output
H8
SYS_RES_N
Digital input, 3.3V signaling
Sequencer
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com