Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 10Page - ams-OSRAM AG CMV300 Datasheet HTML 11Page - ams-OSRAM AG CMV300 Datasheet HTML 12Page - ams-OSRAM AG CMV300 Datasheet HTML 13Page - ams-OSRAM AG CMV300 Datasheet HTML 14Page - ams-OSRAM AG CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 12 of 54
© 2016 CMOSIS bvba
2.7 TEMPERATURE SENSOR
A 16-bit digital temperature sensor is included in the image sensor and can be read out through the SPI-interface. The
on-chip temperature can be obtained by reading out the registers with address 78 and 79 (in burst mode, see section
3.9.2 for more details on this mode).
A calibration of the temperature sensor is needed for absolute temperature measurements. A typical temperature
sensor output vs. temperature curve can be found below. The temperature sensor requires a running input clock
(CLK_IN), the other functions of the image sensor can be operational or in standby mode.
A typical value of the sensor at 0°C is about
������[������������������]
25
∗ 5100 DN. A typical slope will be around
������[������������������]
25
∗ 15.5 DN/°C. A
sensor will typically heat up about 15°C above ambient temperature.
FIGURE 3: TYPICAL OUTPUT OF THE TEMPERATURE SENSOR OF SEVERAL CMV300 SENSORS @ 25MHZ
y = 12.828x + 4907.9
4500
4700
4900
5100
5300
5500
5700
5900
-20
-10
0
10
20
30
40
50
60
70
80
Die Temperature [°C]
Temperature Sensor
dev1
dev2
dev3
dev4
dev5
Linear (dev2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com