Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 24Page - ams-OSRAM AG CMV300 Datasheet HTML 25Page - ams-OSRAM AG CMV300 Datasheet HTML 26Page - ams-OSRAM AG CMV300 Datasheet HTML 27Page - ams-OSRAM AG CMV300 Datasheet HTML 28Page - ams-OSRAM AG CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 26 of 54
© 2016 CMOSIS bvba
5 IMAGE SENSOR PROGRAMMING
This section explains how the CMV300 can be programmed using the on-board sequencer registers.
5.1 EXPOSURE MODES
The exposure time can be programmed in two ways, externally or internally. Externally, the exposure time is defined as
the time between the rising edge of T_EXP1 and the rising edge of FRAME_REQ (see section 3.10 for more details).
Internally, the exposure time is set by uploading the desired value to the corresponding sequencer register.
The table below gives an overview of the registers involved in the exposure mode.
Exposure time settings
Register name
Register address
Default value
Description of the value
Exp_ext
41[0]
0
0: Exposure time is defined by the value uploaded in the
sequencer register (42-44)
1: Exposure time is defined by the pulses applied to the
T_EXP1 and FRAME_REQ pins.
Exp_time
42-44
488
When the Exp_ext register is set to ‘0’, the value in this
register defines the exposure time according to the
following formula: Exp_time x 325 x clk_per, where
clk_per is the period of the master input clock. The
minimal value for this is 1.
To calculate the exact exposure time when using internal exposure mode (Exp_ext = 0) use:
������������������������������������������������ ������������������������ = ((
Exp_time − 1) ∗ 325 + [163 + (48 ∗ ������������������58)]) ∗ clk_per
Clk_per is the period of the input CLK_IN clock (or LVDS input clock divided by 12). The part [163 + (48*reg58)] should
always be a multiple of 325. So the “163” term depends on the value of reg58.
For external exposure mode (Exp_ext = 1) this becomes:
������������������������������������������������ ������������������������ = Ext_exp_time + (48 ∗ reg58 ∗
clk_per)
Ext_exp_time is the time between the T_EXP1/2 and Frame_req pulses.
The 163 + (48 * reg58) or 48*reg58 is the part of the FOT for which the sensor is light sensitive (called exposure overlap)
and will therefore determine the minimum exposure time. Below you can see the detailed timing of one frame cycle in
internal exposure mode with Exp_time = 244, reg58 = 44, line time = 325*clk_per and clk_per is the period of the master
CLK_IN without multiplexing.
Frame_REQ
Frame_cycle
Exposure time
FOT
Actual exposure time = 251 * 325 * clk_per
244 * 325 * clk_per
244 * 325 * clk_per
Read-out time
13 * 325 * clk_per
7 * 325 * clk_per
Exposure overlap = min. exposure
FIGURE 30: FRAME CYCLE TIMING
We see that 163 + (48*reg58) = 7 * 325. So the exposure overlap during FOT is 7/13th of the total FOT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com