Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 8Page - ams-OSRAM AG CMV300 Datasheet HTML 9Page - ams-OSRAM AG CMV300 Datasheet HTML 10Page - ams-OSRAM AG CMV300 Datasheet HTML 11Page - ams-OSRAM AG CMV300 Datasheet HTML 12Page - ams-OSRAM AG CMV300 Datasheet HTML 13Page - ams-OSRAM AG CMV300 Datasheet HTML 14Page - ams-OSRAM AG CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 10 of 54
© 2016 CMOSIS bvba
2
SENSOR ARCHITECTURE
Active pixel area
480 rows
2 dark reference rows on top/bottom
640 columns
2 dark reference columns on left
2 test columns on right
Analog front end (AFE)
(gain, offset, ADCs)
LVDS block
(drivers, multiplexers)
2 or 1 output(s)
sequencer
SPI & PLL
Temp
sensor
Input clock
SPI signals
External driving
signals
Pixel (0,0)
Pixel (4095,3071)
Analog front end (AFE)
(gain, offset, ADCs)
LVDS block
(drivers, multiplexers)
2 or 1 output(s)
FIGURE 2: SENSOR BLOCK DIAGRAM
Figure 2 shows the image sensor architecture. The internal sequencer generates the necessary signals for image
acquisition. The image is stored in the pixel (global shutter) and is then read out sequentially, row-by-row. On the pixel
output, an analog gain is possible. The pixel values then passes to a column ADC cell, in which ADC conversion is
performed. The digital signals are then read out over multiple LVDS channels or one parallel CMOS output. Each LVDS
channel reads out 324 adjacent columns of the array. Two rows are being read out at the same time when 4 LVDS
channels are used. In the Y-direction, rows of interest are selected through a row-decoder which allows a flexible
windowing. Control registers are foreseen for the programming of the sensor. These register parameters are uploaded
via a four-wire SPI interface. A temperature sensor which can be read out over the SPI interface is also included.
2.1 PIXEL ARRAY
The pixel array consists of 648 x 488 square global shutter pixels with a pitch of 7.4µm (7.4μm x 7.4μm). The pixels are
designed to achieve maximum sensitivity with low noise and low PLS specifications. Micro lenses are placed on top of
the pixels for improved fill factor and quantum efficiency (>50%). There are 4 dark reference rows available on the
sensor (rows 0, 1, 486 and 487) and 2 dark reference columns (column 0 and 1). Columns 646 and 647 are test columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com