Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG CMV300 Datasheet HTML 41Page - ams-OSRAM AG CMV300 Datasheet HTML 42Page - ams-OSRAM AG CMV300 Datasheet HTML 43Page - ams-OSRAM AG CMV300 Datasheet HTML 44Page - ams-OSRAM AG CMV300 Datasheet HTML 45Page - ams-OSRAM AG CMV300 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 40 of 54
© 2016 CMOSIS bvba
6 REGISTER OVERVIEW
The table below gives an overview of all the sensor registers. The registers with the remark “Do not change” should not
be changed. The required values should be written to the appropriate registers for optimal sensor workings and image
performance (using the PLL at 40MHz in 10b mode).
Register overview
Address
Default
Value
Remark/Required
value
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
0
0
Do not change
1
232
Number_lines[7:0]
2
1
Number lines [15:8]
3
0
Start1[7:0]
4
0
Start1[15:8]
5
0
Start2[7:0]
6
0
Start2[15:8]
7
0
Start3[7:0]
8
0
Start3[15:8]
9
0
Start4[7:0]
10
0
Start4[15:8]
11
0
Start5[7:0]
12
0
Start5[15:8]
13
0
Start6[7:0]
14
0
Start6[15:8]
15
0
Start7[7:0]
16
0
Start7[15:8]
17
0
Start8[7:0]
18
0
Start8[15:8]
19
0
Number_lines1[7:0]
20
0
Number_lines1[15:8]
21
0
Number_lines2[7:0]
22
0
Number_lines2[15:8]
23
0
Number_lines3[7:0]
24
0
Number_lines3[15:8]
25
0
Number_lines4[7:0]
26
0
Number_lines4[15:8]
27
0
Number_lines5[7:0]
28
0
Number_lines5[15:8]
29
0
Number_lines6[7:0]
30
0
Number_lines6[15:8]
31
0
Number_lines7[7:0]
32
0
Number_lines7[15:8]
33
0
Number_lines8[7:0]
34
0
Number_lines8[15:8]
35
0
Sub_s[7:0]
36
0
Sub_s[15:8]
37
0
Sub_a[7:0]
38
0
Sub_a[15:8]
39
1
Color
40
0
Image_flipping[1:0]
41
0
Exp_dual
Exp_ext
42
232
Exp_time[7:0]
43
1
Exp_time[15:8]
44
0
Exp_time[23:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com