Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 25Page - ams-OSRAM AG CMV300 Datasheet HTML 26Page - ams-OSRAM AG CMV300 Datasheet HTML 27Page - ams-OSRAM AG CMV300 Datasheet HTML 28Page - ams-OSRAM AG CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 27 of 54
© 2016 CMOSIS bvba
5.2 HIGH DYNAMIC RANGE MODES
The sensor has different ways to achieve high optical dynamic range in the grabbed image.
Interleaved read-out: the odd and even columns have a different exposure time
Piecewise linear response: pixels respond to light with a piecewise linear response curve.
All the HDR modes mentioned above can be used in both the internal- and external-exposure-time mode.
5.2.1 INTERLEAVED READ-OUT
In this HDR mode, the odd and even columns of the image sensors will have a different exposure time. This mode can
be enabled by setting the register in the table below.
HDR settings – interleaved read-out
Register name
Register address
Default value
Description of the value
Exp_dual
41[1]
0
0: interleaved exposure mode disabled
1: interleaved exposure mode enabled
The surrounding system can combine the image of the odd columns with the image of the even columns which can
result in a high dynamic range image. In such an image very bright and very dark objects are made visible without
clipping. The table below gives an overview of the registers involved in the interleaved read-out when the internal
exposure mode is selected.
HDR settings – interleaved read-out
Register name
Register address
Default value
Description of the value
Exp_time
42-44
488
When the Exp_dual register is set to ‘1’, the value in this
register defines the exposure time for the even columns
according following formula: Exp_time x 325 x clk_per,
where clk_per is the period of the master input clock.
Exp_time2
45-47
488
When the Exp_dual register is set to ‘1’, the value in this
register defines the exposure time for the odd columns
according following formula: Exp_time2 x 325 x clk_per,
where clk_per is the period of the master input clock.
When the external exposure mode and interleaved read-out are selected, the different exposure times are achieved by
using the T_EXP1 and T_EXP2 input pins. T_EXP1 defines the exposure time for the even columns, while T_EXP2 defines
the exposure time for the odd columns. See the figure below for more details.
FRAME_REQ
T_EXP1
T_EXP2
Exposure time even columns
Exposure time odd columns
FIGURE 31: INTERLEAVED READ-OUT IN EXTERNAL EXPOSURE MODE
When a color sensor is used, the sequencer should be programmed to make sure it takes the Bayer pattern into account
when doing interleaved read-out. This can be done by setting the appropriate register to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com