Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG CMV300 Datasheet HTML 41Page - ams-OSRAM AG CMV300 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 36 of 54
© 2016 CMOSIS bvba
(DDR). The LVDS_CLK_IN should be connected to pins D7 (LVDS_CLK_N) and D8 (LVDS_CLK_P) with a 100Ω parallel
termination resistor between the two pins. To disable the PLL set the following registers:
Register name
Register address
Set to value
Description of the value
PLL_ENABLE
83 [7]
0
0/1 = PLL disabled/enabled
I_LVDS_REC
82 [3:0]
8
LVDS Receiver strength
0 = off
LVDS_ENABLE
81 [6:0]
127
Enabled LVDS outputs:
Bit 0 = LVDS Input
Bit 1-4 = CH1-4 output
Bit 5 = LVDS CLK output
Bit 6 = CTR CH output
0/1 = Disabled/Enabled
CLK_LVDS_EXT
84 [0]
1
Selects the CLK_IN or LVDS_CLK as input clock
0 = CLK_IN
1 = LVDS_CLK_N/P
REG_CLK_SEL
63 [7]
1
Selects the PLL clock or the input clock
0 = PLL clock
1 = input clock
I_LVDS_DRIV
82 [7:4]
8
Sets the LVDS driver strength
0 = Off
1 – 15 = LVDS driver current
When you put in a LVDS_CLK_N/P clock of 430MHz, the LVDS output data rate will be 430Mbps (1 x 430MHz) with an
LVDS output clock of 215MHz (0.5 x 430MHz).
When using this mode, the maximum clock speed and therefor frame rate is lower than when using the internal PLL.
When disabling the PLL, the maximum LVDS input clock speed will be 430MHz, resulting in a frame rate of 430fps. See
Errata Sheet 2 for more detail on this speed limit.
5.12 POWER CONTROL
The power consumption of the CMV300 can be regulated by disabling the LVDS data channels when they are not used
(in 2 or 1 channel mode).
Power control
Register name
Register address
Default value
Description of the value
Channel_en
81[6:0]
126
Bit 1-2 enable/disable the bottom data output channels
Bit 3-4 enable/disable the top data output channels
Bit 5 enables/disables the output clock channel
Bit 6 enables/disables the control channel
Bit 0 enables/disables the optional LVDS clock input
channel
0: disabled
1: enabled
5.13 OFFSET AND GAIN
5.13.1 OFFSET
A digital offset can be applied to the output signal. A separate offset can be given to the data coming from the top
outputs and the data coming from the the bottom outputs. The dark level offset can be programmed by setting the
desired value in the sequencer registers. Dark-level @ output = ADC_output + Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com