Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 35 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 35 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 33 of 54
© 2016 CMOSIS bvba
5.5 IMAGE SUBSAMPLING
To maintain the same field of view but reduce the amount of data coming out of the sensor, a subsampling mode is
implemented on the chip. Different subsampling schemes can be programmed by setting the appropriate registers.
These subsampling schemes can take into account whether a color or monochrome sensor is used to preserve the Bayer
pattern information. The registers involved in subsampling are detailed below. A distinction is made between a simple
and advanced mode (can be used for color devices). Subsampling can be enabled in every windowing mode.
5.5.1 SIMPLE SUBSAMPLING
Image subsampling - simple
Register name
Register address
Default value
Description of the value
Number_lines
1-2
488
The value in this register defines the total number of lines
read out by the sensor (min=1, max=488)
Sub_s
35-36
0
Number of rows to skip (min=0, max=487)
Sub_a
37-38
0
Identical to Sub_s
The figures below give two subsampling examples (skip 4x and skip 1x).
Sub_s = 4
Sub_a = 4
Number_lines = sum of red lines
Sub_s = 1
Sub_a = 1
Number_lines = sum of red lines
FIGURE 37: SUBSAMPLING EXAMPLES (SKIP 4X AND SKIP 1X)
5.5.2 ADVANCED SUBSAMPLING
When a color sensor is used, the subsampling scheme should take into account that a Bayer color filter is applied on the
sensor. This Bayer pattern should be preserved when subsampling is used. This means that the number of rows to be
skipped should always be a multiple of two. An advanced subsampling scheme can be programmed to achieve these
requirements. Of course, this advanced subsampling scheme can also be programmed in a monochrome sensor. See
the table of registers below for more details.
Image subsampling - advanced
Register name
Register address
Default value
Description of the value
Number_lines
1-2
488
The value in this register defines the total number of lines
read out by the sensor (min=1, max=488)
Sub_s
35-36
0
Should be ‘0’ at all times
Sub_a
37-38
0
Number of rows to skip, it should be an even number
between (0 and 486).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com