Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 34 of 54
© 2016 CMOSIS bvba
The figures below give two subsampling examples (skip 4x and skip 2x) in advanced mode.
Sub_s = 0
Sub_a = 4
Number_lines = sum of red lines
Sub_s = 0
Sub_a = 2
Number_lines = sum of red lines
FIGURE 38: SUBSAMPLING EXAMPLES IN ADVANCED MODE (SKIP 4X AND SKIP2X)
5.6 NUMBER OF FRAMES
When internal exposure mode is selected, the number of frames sent by the sensor after a frame request can be
programmed in the corresponding sequencer register.
Number of frames
Register name
Register address
Default value
Description of the value
Number_frames
55-56
1
The value in this register defines the number of frames
grabbed and sent by the image sensor in internal exposure
mode (min =1, max = 65535)
5.7 OUTPUT MODE
When LVDS output mode is selected, the number of LVDS channels can be selected by programming the appropriate
sequencer register. The pixel remapping scheme and the read-out timing for each mode can be found in section 4 of
this document.
When parallel CMOS output mode is selected, the Output_mode register should be fixed to 3. Also register 69 has to be
set at 9 and pin B2 connected to ground. The read-out timing for this mode can be found in section 4 of this document.
Output mode
Register name
Register address
Default value
Description of the value
Output_mode
57[1:0]
0
0: 4 outputs (LVDS)
2: 2 outputs (LVDS)
3: 1 output (LVDS or parallel CMOS)
5.8 TRAINING PATTERN
As detailed in section 4.1.5, a training pattern is sent over the LVDS data channels whenever no valid image data is sent.
This training pattern can be programmed using the sequencer register.
Training pattern
Register name
Register address
Default value
Description of the value
Training_pattern
61-62[3:0]
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com