Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 23Page - ams-OSRAM AG CMV300 Datasheet HTML 24Page - ams-OSRAM AG CMV300 Datasheet HTML 25Page - ams-OSRAM AG CMV300 Datasheet HTML 26Page - ams-OSRAM AG CMV300 Datasheet HTML 27Page - ams-OSRAM AG CMV300 Datasheet HTML 28Page - ams-OSRAM AG CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 25 of 54
© 2016 CMOSIS bvba
4.2 PARALLEL CMOS OUTPUT
When pin B2 is connected to GND, the CMV300 also has one 10 bit digital parallel CMOS output. On this output the
pixels of the image array are presented with a frequency of maximum 40MHz resulting in a frame rate of 120 fps. Next
to the data channels 3 additional CMOS channels are available for control and synchronization of the image data.
10 Data channels (bit[0] to bit[9], VDD20 CMOS)
2 Control channels (DVAL and LVAL, VDD20 CMOS)
1 Clock channel (CLK_OUT, 3.3V CMOS)
This means that a total of 13 pins of the CMV300 are used for the parallel CMOS output (10 for data + 2 for control
channel + 1 for clock channel). See the pin list for the exact pin numbers of the parallel CMOS output. The 10 data
channels are used to transfer the 10-bit pixel data from the sensor to the receiver in the surrounding system. The output
clock channel transports a clock, synchronous to the data on the data channels. Register 69 has to be set to 9 to output
this clock. This clock can be used at the receiving end to sample the data. The data on the control channels contains
status information on the validity of the data on the data channels.
4.2.1 PARALLEL OUTPUT TIMING
In parallel output mode, the readout of one row takes 2*324 periods. In this mode, the frame rate is reduced with a
factor of 4 compared to 4 LVDS channel mode. The figure below shows the timing for read-out of one line
Pixel 0
Pixel 1
T1
CLK_OUT
DATA_OUT
Pixel 2
Pixel 322
Pixel 323
DVAL
Pixel 324
Pixel 325
Pixel 326
Pixel 646
Pixel 647
INVALID
LVAL
FIGURE 28: PARALLEL OUTPUT TIMING OF ONE LINE
The time of ‘T1’ from the figure above and below has the same length as the period of the CLK_IN signal. As can be
seen in the figure above it is advised to sample the parallel output data on the falling edge of the CLK_OUT.
The figure below details the LVAL and DVAL timing for a frame read-out of tree lines.
LVAL
DVAL
T1
T1
T1
Row 1
Row 2
Row 3
FIGURE 29: LVAL/DVAL TIMING FOR A FRAME OF 3 LINES USING THE PARALLEL OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com