Electronic Components Datasheet Search
  English  ▼

X  

CMV300 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG CMV300 Datasheet HTML 20Page - ams-OSRAM AG CMV300 Datasheet HTML 21Page - ams-OSRAM AG CMV300 Datasheet HTML 22Page - ams-OSRAM AG CMV300 Datasheet HTML 23Page - ams-OSRAM AG CMV300 Datasheet HTML 24Page - ams-OSRAM AG CMV300 Datasheet HTML 25Page - ams-OSRAM AG CMV300 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 20 of 54
© 2016 CMOSIS bvba
4 READING OUT THE SENSOR
When reading out the CMV300, the user has a choice to use 4 LVDS outputs (max 480fps) or 1 parallel CMOS output
(max 120 fps). This choice is made by connecting pin B2 to VDD33 (LVDS outputs) or GND (parallel CMOS output).
4.1 LVDS DATA OUTPUTS
The CMV300 has LVDS (low voltage differential signaling) outputs to transport the image data to the surrounding
system. Next to 4 data channels, the sensor also has two other LVDS channels for control and synchronization of the
image data. In total, the sensor has 6 LVDS output pairs (2 pins for each LVDS channel):
4 Data channels
1 Control channel
1 Clock channel
This means that a total of 12 pins of the CMV300 are used for the LVDS outputs (8 for data + 2 for LVDS clock + 2 for
control channel). See the pin list for the exact pin numbers of the LVDS outputs. The 4 data channels are used to transfer
the 12-bit, 10-bit or 8-bit pixel data from the sensor to the receiver in the surrounding system. The output clock channel
transports a clock, synchronous to the data on the other LVDS channels. This clock can be used at the receiving end to
sample the data. This clock is a DDR clock which means that the frequency will be half of the output data rate. When
480Mbps output data rate is used, the LVDS output clock will be 240MHz. The data on the control channel contains
status information on the validity of the data on the data channels. Information on the control channel is grouped in
12-bit words that are transferred synchronous to the 4 data channels.
4.1.1 LVDS LOW-LEVEL PIXEL TIMING
The figures below show the timing for transfer of 8-bit, 10-bit and 12-bit pixel data over one LVDS output. To make the
timing more clear, the figures show only the p-channel of each LVDS pair. The data is transferred LSB first, with the
transfer of bit D[0] during the high phase of the DDR output clock.
‘0’
‘0’
D(0)
D(1)
D2)
D(3)
D(4)
D(5)
D(6)
D(7)
‘0'
‘0’
‘0’
‘0’
T1
LVDS_CLOCK_OUT
DATA_OUT
‘0’
‘0’
FIGURE 14: 8-BIT PIXEL DATA ON AN LVDS CHANNEL
‘0’
‘0’
D(0)
D(1)
D2)
D(3)
D(4)
D(5)
D(6)
D(7)
D(8)
D(9)
‘0’
‘0’
T1
LVDS_CLOCK_OUT
DATA_OUT
D(0)
D(1)
FIGURE 15: 10-BIT PIXEL DATA ON AN LVDS CHANNEL
D(0)
D(1)
D2)
D(3)
D(4)
D(5)
D(6)
D(7)
D(8)
D(9)
T1
LVDS_CLOCK_OUT
DATA_OUT
D(10) D(11) D(0)
D(1)
D2)
D(3)
FIGURE 16: 12-BIT PIXEL DATA ON AN LVDS CHANNEL
The time ‘T1’ in the diagram above is 1/12th of the period of the input clock (CLK_IN) of the CMV300. If a frequency of
40MHz is used for CLK_IN (max), this results in a 240MHz LVDS_CLOCK_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com