Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
34
DEVICE DESCRIPTION
INTRODUCTION
The WM8959 is a low power, high quality audio DAC designed to interface with a wide range of
processors and analogue components. A high level of mixed-signal integration in a very small 3.226
x 3.44mm footprint makes it ideal for portable applications such as mobile phones.
Eight highly flexible analogue inputs allow interfacing to up to four microphone inputs plus multiple
stereo or mono line inputs (single-ended or differential). Connections to an external voice CODEC,
FM radio, melody IC, line input, handset MIC and headset MIC are all fully supported. Signal routing
to the output mixers and within the DAC has been designed for maximum flexibility to support a wide
variety of usage modes.
Ten analogue output drivers are integrated, including a high power, high quality speaker driver,
capable of providing 1W in class D mode or in class AB mode into 8
Ω BTL. Four headphone drivers
are provided, supporting ear speakers and stereo headsets. Fully differential headphone drive is
supported for excellent crosstalk performance and removing the need for large and expensive
headphone capacitors. Four line outputs are available for Tx voice output to a voice CODEC,
interfacing to an additional speaker driver and single-ended or fully differential line output. All outputs
have integrated pop and click suppression. The speaker supply has been designed with low leakage
and high PSRR, to support direct connection to a Lithium battery. In addition to the speaker PGA, six
AC and DC gain settings allow output signal level to be maximised for many commonly-used
SPKVDD/AVDD combinations.
Internal signal routing and amplifier configurations have been optimised to provide the lowest
possible power consumption for a number of common usage scenarios such as voice calls and
music playback.
The stereo DACs are of hi-fi quality using a 24-bit, low-order oversampling architecture to deliver
optimum performance. An integrated ultra-low power PLL provides flexible clocking capabilities. DAC
soft mute and un-mute is available for pop-free music playback.
The WM8959 has a highly flexible digital audio interface, supporting a number of protocols, including
I2S, DSP, MSB-First left/right justified. The interface can operate in master or slave modes. PCM
operation is supported in the DSP mode. A-law and
µ-law companding are also supported. Time
division multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on
the same bus, saving space and power. Alternative DAC interface pins are provided to allow
connection to an additional processor.
The SYSCLK (system clock) provides clocking for the DACs, DSP, Class D outputs and the digital
audio interface. SYSCLK can be derived directly from the MCLK pin or via the integrated PLL,
providing flexibility to support a wide range of clocking schemes. All MCLK frequencies typically used
in portable systems are supported for sample rates between 8kHz and 48kHz. A flexible switching
clock for the class D speaker drivers (synchronous with the audio DSP clocks for best performance)
is also derived from SYSCLK.
To allow full software control over all its features, the WM8959 uses a standard 2-wire or 3/4-wire
control interface with readback of key registers supported. It is fully compatible and an ideal partner
for a wide range of industry standard microprocessors, controllers and DSPs. Unused circuitry can
be disabled via software to save power, while low leakage currents extend standby and off time in
portable battery-powered applications. The device address can be selected using the CSB/ADDR
pin.
Versatile GPIO functionality is provided, with support for up to four button/accessory detect inputs
with interrupt and status readback and flexible de-bouncing options, clock output, and logic '1' / logic
'0' for control of additional external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com