Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
51
The input data source for each DAC can be changed under software control using register bits
DACL_SRC and DACR_SRC. The polarity of each DAC input may also be modified using register
bits DACL_DATINV and DACR_DATINV. These register bits are described in Table 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
DACL_SRC
0b
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
R5 (05h)
14
DACR_SRC
1b
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
1
DACL_DATINV
0b
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
R10 (0Ah)
0
DACR_DATINV
0b
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
Table 14 DAC Routing and Control
DAC INTERFACE VOLUME BOOST
A digital gain function is available at the audio interface to boost the DAC volume when a small
signal is received on DACDAT. This is controlled using register bits DAC_BOOST[1:0]. To prevent
clipping at the DAC input, this function should not be used when the boosted DAC data is expected
to be greater than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
11:10
DAC_BOOST
[1:0]
00b
DAC Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not
exceed -6dBFS)
10 = +12dB (Input data must not
exceed -12dBFS)
11 = +18dB (Input data must not
exceed -18dBFS)
Table 15 DAC Interface Volume Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com