Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
48
INPUT MIXER VOLUME CONTROL
The Input Mixer volume controls are described in Table 12 for the Left Channel and Table 13 for the
Right Channel. The Input PGA levels may be set to Mute, 0dB or 30dB boost. The other gain controls
provide adjustment from -12dB to +6dB in 3dB steps.
To prevent pop noise it is recommended that gain and mute controls for the input mixers are not
modified while the signal paths are active. If volume control is required on the input signal path it is
recommended that the input PGA volume controls are used instead of the input mixer gain registers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
L34MNB
0b
LIN34 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
7
L34MNBST
0b
LIN34 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
5
L12MNB
0b
LIN12 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
R41 (29h)
4
L12MNBST
0b
LIN12 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
8:6
LI2BVOL
[2:0]
000b
(Mute)
LIN2 Pin to INMIXL Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
5:3
LR4BVOL
[2:0]
000b
(Mute)
RXVOICE to AINLMUX Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R43 (2Bh)
2:0
LL4BVOL
[2:0]
000b
(Mute)
RXVOICE to INMIXL Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
Note - LR4BVOL must be set to the same
value as LL4BVOL when AINLMODE=01.
Table 12 Left Input Mixer Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com