Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
93
These registers are described in Table 50 below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
AIF_MSTR1
0b
Audio Interface 1 Master Mode Select
0 = Slave mode
1 = Master mode
14
AIF_MSTR2
0b
Audio Interface 2 Master Mode Select
0 = Slave mode
1 = Master mode
R8 (08h)
13
AIF_SEL
0b
Audio Interface Select
0 = Audio interface 1
1 = Audio interface 2 (GPIO3/BCLK2,
GPIO4/DACLRC2, GPIO5/DACDAT2)
R9 (09h)
11
DACLRC_DIR
0b
DACLRC Direction
(Forces DACLRC clock to be output in
slave mode)
0 = DACLRC normal operation
1 = DACLRC clock output enabled
Table 50 Audio Interface Output Function Control
OPERATION WITH TDM
Time division multiplexing (TDM) allows multiple devices to transfer data simultaneously on the same
bus. The WM8959 DACs support TDM in master and slave modes, on both interfaces, and for all
data formats and word lengths. TDM is enabled using register bit AIFDAC_TDM. The TDM data slot
is programmed using register bit AIFDAC_TDM_CHAN.
WM8959
Processor
WM8959 or
Similar
DAC
DACDAT
DACLRC
BCLK
DACDAT
DACLRC
BCLK
Figure 60 TDM with WM8959 as Master
Figure 61 TDM with Other DAC as Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com