Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
100
DIGITAL AUDIO INTERFACE CONTROL
The register bits controlling audio data format, word length, left/right channel data source and TDM
are summarised in Table 51.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
AIF_BCLK_INV
0b
BCLK Invert
0 = BCLK not inverted
1 = BCLK inverted
Right, left and I2S modes – DACLRC polarity
0 = normal DACLRC polarity
1 = invert DACLRC polarity
7
AIF_LRCLK_
INV
0b
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after DACLRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after DACLRC rising edge (mode B)
6:5
AIF_WL
[1:0]
10b
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - see “Companding” for the selection of
8-bit mode
R4 (04h)
4:3
AIF_FMT
[1:0]
10b
Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
15
DACL_SRC
0b
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
14
DACR_SRC
1b
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
12
AIFDAC_TDM
0b
DAC TDM Enable
0 = Normal DACDAT operation
1 = TDM enabled on DACDAT
R5 (05h)
13
AIFDAC_TDM_
CHAN
0b
DACDAT TDM Channel Select
0 = DACDAT data input on slot 0
1 = DACDAT data input on slot 1
Table 51 Audio Data Format Control
AUDIO INTERFACE OUTPUT AND GPIO TRISTATE
Register bit AIF_TRIS can be used to tristate the audio interface and GPIO pins as described in
Table 52.
All GPIO pins and digital audio interface pins will be tristated by this function, regardless of the state
of other registers which control these pin configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
13
AIF_TRIS
0
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins operate normally
1 = Tristate all audio interface and GPIO pins
Table 52 Tri-stating the Audio Interface and GPIO Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com