Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
17
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
SNR (A-weighted)
90
101
dB
THD (0dB output)
-99
-90
dB
THD+N (0dB output)
-97
-88
dB
AVDD PSRR (217Hz)
45
dB
DC Offset at Load
Input PGA to
Differential Line
Out,
AVDD=3.3V
5
mV
SNR (A-weighted)
100
dB
THD (0dB output)
-95
dB
F4
THD+N (0dB output)
Input PGA to
Differential Line
Out,
AVDD=2.7V
-93
dB
SNR (A-weighted)
92
102
dB
THD (PO=20mW)
-77
-72
dB
THD+N (PO=20mW)
-75
-70
dB
THD (PO=5mW)
-73
dB
THD+N (PO=5mW)
-71
dB
AVDD PSRR (217Hz)
45
dB
HPVDD PSRR (217Hz)
85
dB
Crosstalk (L/R)
Input PGA via
LOMIX or
ROMIX to LOUT
or ROUT,
RL=16
Ω,
AVDD=HPVDD=
3.3V
-95
dB
SNR (A-weighted)
100
dB
THD (PO=20mW)
-74
dB
THD+N (PO=20mW)
-72
dB
THD (PO=5mW)
-72
dB
F5
THD+N (PO=5mW)
Input PGA via
LOMIX or
ROMIX to LOUT
or ROUT,
RL=16
Ω,
AVDD=HPVDD=
2.7V
-70
dB
SNR (A-weighted)
104
dB
THD (PO=20mW)
-77
dB
THD+N (PO=20mW)
-75
dB
THD (PO=5mW)
-73
dB
THD+N (PO=5mW)
-71
dB
AVDD PSRR (217Hz)
70
dB
HPVDD PSRR (217Hz)
85
dB
Crosstalk (L/R)
Line Input to
Headphones via
LOMIX and
ROMIX,
RL=16
Ω,
AVDD=HPVDD=
3.3V
-95
dB
SNR (A-weighted)
102
dB
THD (PO=20mW)
-74
dB
THD+N (PO=20mW)
-72
dB
THD (PO=5mW)
-72
dB
F6
THD+N (PO=5mW)
Line Input to
Headphones via
LOMIX and
ROMIX,
RL=16
Ω,
AVDD=HPVDD=
2.7V
-70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com