Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
83
The IRQ register (R18) is described in Table 47.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
IRQ
(ro)
Read Only
IRQ Readback
(Allows polling of IRQ status)
11
TEMPOK
(rr)
Read or
Reset
Temperature OK status
Read-
0 = Device temperature NOT ok
1 = Device temperature ok
Write -
1 = Reset TEMPOK latch
10
MICSHRT
(rr)
Read or
Reset
MICBIAS short status
Read-
0 = MICBIAS ok
1 = MICBIAS shorted
Write-
1 = Reset MICSHRT latch
9
MICDET
(rr)
Read or
Reset
MICBIAS detect status
MICBIAS microphone detect Readback
Read-
0 = No Microphone detected
1 = Microphone detected
Write-
1 = Reset MICDET latch
8
PLL_LCK
(rr)
Read or
Reset
PLL Lock status
Read-
0 = PLL NOT locked
1 = PLL locked
Write-
1 = Reset PLL_LCK latch
R18 (12h)
7:0
GPIO_STATUS
[7:0]
(rr)
Read or
Reset
GPIO and GPI Input Pin Status
GPIO_STATUS[7] = GPI8 pin status
GPIO_STATUS[6] = GPI7 pin status
GPIO_STATUS[5] = Reserved
GPIO_STATUS[4] = GPIO5 status
GPIO_STATUS[3] = GPIO4 status
GPIO_STATUS[2] = GPIO3 status
GPIO_STATUS[1] = Reserved
GPIO_STATUS[0] = GPIO1 status
R23 (17h)
GPIO
Control (2)
12
IRQ_INV
(rw)
0b
IRQ Invert
0 = IRQ output active high
1 = IRQ output active low
Table 47 GPIO Interrupt and Status Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com