Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
8
CDMODE
0b
Speaker Class D Mode Enable
0 = Class D mode
1 = Class AB mode
5:3
DCGAIN
[2:0]
000b
(1.0x)
DC Speaker Boost
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.80x boost (+5.1dB)
110 to 111 = Reserved
R37 (25h)
2:0
ACGAIN
[2:0]
000b
(1.0x)
AC Speaker Boost
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.80x boost (+5.1dB)
110 to 111 = Reserved
Table 33 Speaker Boost Control
HEADPHONE OUTPUT CONFIGURATIONS
The headphone outputs LOUT, ROUT, OUT3 and OUT4 are each driven by different output mixers
as described below.
The LOUT and ROUT pins output the LOMIX and ROMIX outputs respectively.
OUT3 is the output of mixer OUT3MIX, whose inputs are:
•
LIN4/RXN
•
LOMIX output via volume control LOPGA
OUT4 is the output of mixer OUT4MIX, whose inputs are:
•
RIN4/RXP
•
ROMIX output via volume control ROPGA
Full volume control is available on LOUT and ROUT. 0dB and -6dB attenuation is available on OUT3
and OUT4, with full volume control available using LOPGA and ROPGA for the LOMIX and ROMIX
signals.
The outputs LOUT, ROUT, OUT3 and OUT4 are capable of driving 40mW into 16
Ω loads such as
stereo headsets, headphones, and/or a handset ear speaker. AC-coupled, capless mode and fully
differential headphone drive modes are available.
AC-coupled output is possible on each of LOUT, ROUT, OUT3 and OUT4 simultaneously.
Capless headphone output is possible on LOUT and ROUT by using either OUT3 or OUT4 as the
common return path. (This is achieved by muting OUT3 or OUT4 as required.)
If RXP and RXN are a mono differential input (e.g. a connection to an external voice CODEC), then
OUT3 and OUT4 may be used as a differential output capable of driving a handset ear speaker. The
signal paths from RXP to OUT4 and from RXN to OUT3 are direct, and do not pass through any
additional amplifiers. This reduces standby and active power consumption and improves signal
quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com