Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
57
OUTPUT SIGNAL PATHS ENABLE
The output mixers and drivers can be independently enabled and disabled as described in Table 23.
Note that the headphone outputs LOUT and ROUT have dedicated volume controls. As a result, the
output PGAs LOPGA and ROPGA do not need to be enabled to provide volume control for the LOUT
and ROUT outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
13
LON_ENA
(rw)
0b
LON Line Out and LONMIX Enable
0 = disabled
1 = enabled
12
LOP_ENA
(rw)
0b
LOP Line Out and LOPMIX Enable
0 = disabled
1 = enabled
11
RON_ENA
(rw)
0b
RON Line Out and RONMIX Enable
0 = disabled
1 = enabled
10
ROP_ENA
(rw)
0b
ROP Line Out and ROPMIX Enable
0 = disabled
1 = enabled
8
SPKPGA_ENA
(rw)
0b
SPKMIX Mixer and Speaker PGA Enable
0 = disabled
1 = enabled
Note that SPKMIX and SPKPGA are also
enabled when SPK_ENA is set.
7
LOPGA_ENA
(rw)
0b
LOPGA Left Volume Control Enable
0 = disabled
1 = enabled
6
ROPGA_ENA
(rw)
0b
ROPGA Right Volume Control Enable
0 = disabled
1 = enabled
5
LOMIX_ENA
(rw)
0b
LOMIX Left Output Mixer Enable
0 = disabled
1 = enabled
R3 (03h)
4
ROMIX_ENA
(rw)
0b
ROMIX Right Output Mixer Enable
0 = disabled
1 = enabled
12
SPK_ENA
(rw)
0b
SPKMIX Mixer, Speaker PGA and Speaker
Output Enable
0 = disabled
1 = enabled
11
OUT3_ENA
(rw)
0b
OUT3 and OUT3MIX Enable
0 = disabled
1 = enabled
10
OUT4_ENA
(rw)
0b
OUT4 and OUT4MIX Enable
0 = disabled
1 = enabled
9
LOUT_ENA
(rw)
0b
LOUT (Left Headphone Output) Enable
0 = disabled
1 = enabled
R1 (01h)
8
ROUT_ENA
(rw)
0b
ROUT (Right Headphone Output) Enable
0 = disabled
1 = enabled
Table 23 Output Signal Paths Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com