Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
94
WM8959
Processor
WM8959 or
Similar
DAC
DACDAT
DACLRC
BCLK
DACDAT
DACLRC
BCLK
Figure 62 TDM with Processor as Master
Note: The WM8959 is a 24-bit device. If the user operates the WM8959 in 32-bit mode then the 8
LSBs will be ignored on the receiving side and not driven on the transmitting side. It is therefore
recommended to add a pull-down resistor if necessary to the DACDAT line in TDM mode.
BCLK DIVIDE
The BCLK frequency is controlled by BCLK_DIV. Internal clock divide and phase control
mechanisms ensure that the BCLK and DACLRC edges will occur in a predictable and repeatable
position relative to each other and relative to the data for a given combination of DAC sample rate
and BCLK_DIV settings.
See “Clocking and Sample Rates” section for more information.
AUDIO DATA FORMATS (NORMAL MODE)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a DACLRC
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each DACLRC transition.
Figure 63 Right Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com