Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
89
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data to the WM8959. It uses three pins:
•
DACDAT: DAC data input
•
DACLRC: DAC data alignment clock
•
BCLK: Bit clock, for synchronisation
DACDAT, DACLRC and BCLK functions can also be supported using alternative GPIO pins.
The clock signals BCLK and DACLRC can be outputs when the WM8959 operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I2S
•
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
“Electrical Characteristics” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8959 can be
programmed to send and receive data in one of two time slots.
PCM operation is supported using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8959 digital audio interface can operate as a master or slave as shown in Figure 50 and
Figure 51.
Figure 50 Master Mode
Figure 51 Slave Mode
OPERATION WITH ALTERNATIVE DAC INTERFACE
To allow data to be input to the WM8959 DACs from two separate sources, the GPIO[5:3] pins can
be configured as an alternative DAC interface (BCLK2, DACLRC2, DACDAT2) as shown in Figure 52
to Figure 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com