Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
91
The dual Audio Interface approach of the WM8959 has been implemented in such a way that it gives
the user and application as much flexibility as possible, without any restrictions built into the
WM8959.
This means that the application has to be carefully analysed and the WM8959 configured
accordingly. In the following Figure 58 and Figure 59, the Audio Interface input flow and the output
controls are illustrated.
Figure 58 Audio Interface Input Flow
The Audio Interface input flow illustrated above is controlled only by the AIF_SEL register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
13
AIF_SEL
0b
Audio Interface Select
0 = Audio interface 1
1 = Audio interface 2 (GPIO3/BCLK2,
GPIO4/DACLRC2, GPIO5/DACDAT2)
Table 49 Audio Interface Pin Function Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com