Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
62
LOPGAVOL,
ROPGAVOL,
LOUTVOL,
ROUTVOL or
SPKVOL
Volume
(dB)
LOPGAVOL,
ROPGAVOL,
LOUTVOL,
ROUTVOL or
SPKVOL
Volume
(dB)
0h
MUTE
40h
-57
1h
MUTE
41h
-56
2h
MUTE
42h
-55
3h
MUTE
43h
-54
4h
MUTE
44h
-53
5h
MUTE
45h
-52
6h
MUTE
46h
-51
7h
MUTE
47h
-50
8h
MUTE
48h
-49
9h
MUTE
49h
-48
Ah
MUTE
4Ah
-47
Bh
MUTE
4Bh
-46
Ch
MUTE
4Ch
-45
Dh
MUTE
4Dh
-44
Eh
MUTE
4Eh
-43
Fh
MUTE
4Fh
-42
10h
MUTE
50h
-41
11h
MUTE
51h
-40
12h
MUTE
52h
-39
13h
MUTE
53h
-38
14h
MUTE
54h
-37
15h
MUTE
55h
-36
16h
MUTE
56h
-35
17h
MUTE
57h
-34
18h
MUTE
58h
-33
19h
MUTE
59h
-32
1Ah
MUTE
5Ah
-31
1Bh
MUTE
5Bh
-30
1Ch
MUTE
5Ch
-29
1Dh
MUTE
5Dh
-28
1Eh
MUTE
5Eh
-27
1Fh
MUTE
5Fh
-26
20h
MUTE
60h
-25
21h
MUTE
61h
-24
22h
MUTE
62h
-23
23h
MUTE
63h
-22
24h
MUTE
64h
-21
25h
MUTE
65h
-20
26h
MUTE
66h
-19
27h
MUTE
67h
-18
28h
MUTE
68h
-17
29h
MUTE
69h
-16
2Ah
MUTE
6Ah
-15
2Bh
MUTE
6Bh
-14
2Ch
MUTE
6Ch
-13
2Dh
MUTE
6Dh
-12
2Eh
MUTE
6Eh
-11
2Fh
MUTE
6Fh
-10
30h
-73
70h
-9
31h
-72
71h
-8
32h
-71
72h
-7
33h
-70
73h
-6
34h
-69
74h
-5
35h
-68
75h
-4
36h
-67
76h
-3
37h
-66
77h
-2
38h
-65
78h
-1
39h
-64
79h
0
3Ah
-63
7Ah
1
3Bh
-62
7Bh
2
3Ch
-61
7Ch
3
3Dh
-60
7Dh
4
3Eh
-59
7Eh
5
3Fh
-58
7Fh
6
Table 28 LOPGA, ROPGA, LOUT, ROUT and SPKVOL Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com