Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
56
OUTPUT SIGNAL PATH
The WM8959 output routing and mixers provide a high degree of flexibility, allowing operation of
many simultaneous signal paths through the device to various analogue outputs. The outputs provide
many combinations of headphone, loudspeaker and single-ended line drivers. See “Analogue
Outputs” for further details of these outputs.
The WM8959 output signal paths and control registers are illustrated in Figure 29.
+
+
+
+
OUTPUT MIXERS
LOPGA
ROPGA
OUT3MIX
OUT4MIX
ROPMIX
RONMIX
LONMIX
LOPMIX
en
en
en
en
en
en
READBACK AVAILABLE
MAIN REGISTER BIT REFERENCE
REGISTER BIT ALSO REFERENCED
ELSEWHERE IN DIAGRAM
ROPGA_ENA
ROPGAVOL
[6:0]
LOPGAVOL
[6:0]
(LDLO and LDSPK must not be
enabled at the same time)
LL12LOP
LR12LOP
LLOPGALOP
LPGAO3
LI4O3
RPGAO4
RI4O4
RR12ROP
RL12ROP
RROPGAROP
DAC
DAC
DAC_MUTE,
DAC_MUTEMODE,
DAC_MUTERATE,
DAC_SB_FILT,
DEEMP[1:0]
DACL
DACR
en
en
(RDRO and RDSPK must not be
enabled at the same time)
LOPGA_ENA
LOMIX_ENA LOMIX
+
ROMIX
+
+
LOPLON
LROPGALON
en
+
en
RLOPGARON
ROPRON
RROPGARON
LLOPGALON
en
ROMIX_ENA
RRI3ROVOL[2:0]
RL12ROVOL[2:0]
RR12ROVOL[2:0]
RLBROVOL[2:0]
RRBROVOL[2:0]
RDRO
RRBRO
RLBRO
RR12RO
RL12RO
RRI3RO
RLI3ROVOL [2:0]
RLI3RO
en
LLBLOVOL[2:0]
LDLO
LLBLO
LRBLO
LR12LO
LL12LO
LRI3LO
LRBLOVOL[2:0]
LR12LOVOL[2:0]
LL12LOVOL[2:0]
LRI3LOVOL[2:0]
LI3LO
LI3LOVOL[2:0]
SPKMIX
+
en
LI2SPK
LOPGASPK
LDSPK
RDSPK
ROPGASPK
RI2SPK
RB2SPK
LB2SPK
LOUT
OUT3
OUT4
LON
LOP
ROP
RON
HP
HP
ROUT
HP
HP
Line
Line
Line
Line
en
en
en
en
en
en
en
en
ROATTN
OUT4ATTN
OUT4_ENA
ROUTVOL[6:0]
ROUT_ENA
LOUT_ENA
LOUTVOL[6:0]
OUT3_ENA
OUT3ATTN
LOATTN
SPKP
SPKN
SPK
SPKPGA
SPK_ENA
en
ACGAIN
[2:0]
DCGAIN
[2:0]
SPKATTN [1:0]
SPKVOL
[6:0]
SPKPGA_ENA
| SPK_ENA
en
LOP_ENA
AINLMUX output
Left MIC
Left Line Input to Left Output Mixer
Rx Voice -
Left Line Input to Speaker
Right Line Input to Speaker
Rx Voice +
Right Line Input to Right Output Mixer
Right MIC
AINRMUX output
LON_ENA
RON_ENA
ROP_ENA
Figure 29 Control Registers for Output Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com