Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
GPIO1_DEB_ENA
0b
6
GPIO1_IRQ_ENA
0b
5
GPIO1_PU
0b
4
GPIO1_PD
0b
R19 (13h)
3:0
GPIO1_SEL[3:0]
0000b
See Table 39 for GPIO1 control bit
description
15
GPIO4_DEB_ENA
0b
14
GPIO4_IRQ_ENA
0b
13
GPIO4_PU
0b
12
GPIO4_PD
1b
11:8
GPIO4_SEL[3:0]
0000b
See Table 39 for GPIO4 control bit
description
7
GPIO3_DEB_ENA
0b
6
GPIO3_IRQ_ENA
0b
5
GPIO3_PU
0b
4
GPIO3_PD
1b
R20 (14h)
3:0
GPIO3_SEL[3:0]
0000b
See Table 39 for GPIO3 control bit
description
7
GPIO5_DEB_ENA
0b
6
GPIO5_IRQ_ENA
0b
5
GPIO5_PU
0b
4
GPIO5_PD
1b
R21 (15h)
3:0
GPIO5_SEL[3:0]
0000b
See Table 39 for GPIO5 control bit
description
7
GPI8_DEB_ENA
0b
6
GPI8_IRQ_ENA
0b
4
GPI8_ENA
0b
See Table 39 for GPIn control bit
description
3
GPI7_DEB_ENA
0b
2
GPI7_IRQ_ENA
0b
R22 (16h)
0
GPI7_ENA
0b
See Table 39 for GPIn control bit
description
Table 38 GPIO and GPI Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com