Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
101
MASTER MODE BCLK AND DACLRC ENABLE
The main audio interface pins (BCLK, DACLRC and DACDAT) and the alternative interface pins
(BCLK2, DACLRC2, DACDAT2) can be independently programmed to operate in master mode or
slave mode using register bits AIF_MSTR1 and AIF_MSTR2.
When the main audio interface is operating in slave mode, the BCLK and DACLRC clock outputs to
these pins are by default disabled to allow the digital audio source to drive these pins. Similarly,
when the alternative audio interface is operating in slave mode, the BCLK2 and DACLRC2 clock
outputs to these pins are by default disabled.
It is possible to force the DACLRC or DACLRC2 to be output using register bit DACLRC_DIR,
allowing mixed master and slave modes on the active audio interface. The active audio interface is
selected by register bit AIF_SEL. Enabled clock outputs on the de-selected audio interface will output
logic 0.
The clock generators for the audio interface are enabled according to the control signals shown in
Figure 75.
Figure 75 Clock Output Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
AIF_MSTR1
0b
Audio Interface 1 Master Mode Select
0 = Slave mode
1 = Master mode
14
AIF_MSTR2
0b
Audio Interface 2 Master Mode Select
0 = Slave mode
1 = Master mode
R8 (08h)
13
AIF_SEL
0b
Audio Interface Select
0 = Audio interface 1
1 = Audio interface 2 (GPIO3/BCLK2,
GPIO4/DACLRC2, GPIO5/DACDAT2)
R9 (09h)
11
DACLRC_DIR
0b
DACLRC Direction
(Forces DACLRC clock to be output in
slave mode)
0 = DACLRC normal operation
1 = DACLRC clock output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com