Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
105
SYSCLK CONTROL
MCLK may be inverted by setting register bit MCLK_INV. Note that it is not recommended to change
the control bit MCLK_INV while the WM8959 is processing data as this may lead to clock glitches
and signal pop and clicks.
The SYSCLK_SRC bit is used to select the source for SYSCLK. The source may be either MCLK or
the PLL output. The selected source is divided by the SYSCLK pre-divider MCLK_DIV to generate
SYSCLK. The selected source may also be adjusted by the MCLK_DIV divider. These register fields
are described in Table 56. See “PLL” for more details of the Phase Locked Loop clock generator.
The WM8959 supports glitch-free SYSCLK source selection. When both clock sources are running
and SYSCLK_SRC is modified to select one of these clocks, a glitch-free clock transition will take
place. The de-glitching circuit will ensure that the minimum pulse width will be no less than the pulse
width of the faster of the two clock sources.
When the initial clock source is to be disabled before changing to the new clock source, the
CLK_FORCE bit must also be used to force the clock source transition to take place. In this case,
glitch-free operation cannot be guaranteed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14
SYSCLK_SRC
0b
SYSCLK Source Select
0 = MCLK
1 = PLL output
13
CLK_FORCE
0b
Forces Clock Source Selection
0 = Existing SYSCLK source (MCLK or
PLL output) must be active when
changing to a new clock source.
1 = Allows existing MCLK source to be
disabled before changing to a new clock
source.
12:11
MCLK_DIV
[1:0]
00b
SYSCLK Pre-divider. Clock source
(MCLK or PLL output) will be divided by
this value to generate SYSCLK.
00 = Divide SYSCLK by 1
01 = Reserved
10 = Divide SYSCLK by 2
11 = Reserved
R7 (07h)
10
MCLK_INV
0b
MCLK Invert
0 = Master clock not inverted
1 = Master clock inverted
Table 56 MCLK and SYSCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com