Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 109 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 109 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 113Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
109
CLASS D SWITCHING CLOCK
The Class D switching clock is derived from SYSCLK as determined by register field DCLKDIV as
described in Table 61. This clock should be set to between 700kHz and 800kHz for optimum
performance. The class D switching clock should not be disabled when the speaker output is active,
as this will prevent the speaker outputs from functioning. The class D switching clock frequency
should not be altered while the speaker output is active as this may generate an audible click.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
8:6
DCLKDIV
[2:0]
111b
Class D Clock Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Table 61 DCLK Control
TOCLK CONTROL
A slow clock (TOCLK) is derived from SYSCLK to enable input de-bouncing and volume update
timeout functions. This clock is enabled by register bit TOCLK_ENA, and its frequency is controlled
by TOCLK_RATE, as described in Table 62.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
TOCLK_RATE
0b
Timeout Clock Rate
(Selects clock to be used for volume
update timeout and GPIO input de-
bounce)
0 = SYSCLK / 221 (Slower Response)
1 = SYSCLK / 219 (Faster Response)
R6 (06h)
14
TOCLK_ENA
0b
Timeout Clock Enable
(This clock is required for volume update
timeout and GPIO input de-bounce)
0 = disabled
1 = enabled
Table 62 TOCLK Control
USB MODE
It is possible to reduce power consumption by disabling the PLL in some applications. One such
application is when SYSCLK is generated from a 12MHz USB clock source. Setting the
AIF_LRCLKRATE bit as described earlier (see “DAC Sample Rates”) allows a sample rate close to
44.1kHz to be generated with no additional PLL power consumption.
In this configuration, SYSCLK must be driven directly from MCLK (or MCLK2) and by disabling the
PLL. This is achieved by setting SYSCLK_SRC=0, PLL_ENA=0.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
10
AIF_LRCLKRATE
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
Table 63 USB Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com