Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
108
BCLK CONTROL
In Master Mode, BCLK is derived from SYSCLK via a programmable division set by BCLK_DIV, as
described in Table 59. BCLK_DIV must be set to an appropriate value to ensure that there are
sufficient BCLK cycles to transfer the complete data words to the DACs.
In Slave Mode, BCLK is generated externally and appears as an input to the DAC. The host device
must provide sufficient BCLK cycles to transfer complete data words to the DACs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
4:1
BCLK_DIV
[3:0]
0100b
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = SYSCLK / 1.5
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4
0101 = SYSCLK / 5.5
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = SYSCLK / 11
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 22
1100 = SYSCLK / 24
1101 = SYSCLK / 32
1110 = SYSCLK / 44
1111 = SYSCLK / 48
Table 59 BCLK Control
OPCLK CONTROL
A clock output (OPCLK) derived from SYSCLK may be output via GPIO1 or GPIO3 to GPIO5. This
clock is enabled by register bit OPCLK_ENA, and its frequency is controlled by OPCLKDIV.
This output of this clock is also dependent upon the GPIO register settings described under “General
Purpose Input/Output”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
12:9
OPCLKDIV
[3:0]
0000b
GPIO Output Clock Divider
0000 = SYSCLK
0001 = SYSCLK / 2
0010 = SYSCLK / 3
0011 = SYSCLK / 4
0100 = SYSCLK / 5.5
0101 = SYSCLK / 6
0110 = SYSCLK / 8
0111 = SYSCLK / 12
1000 = SYSCLK / 16
1001 to 1111 = Reserved
R2 (02h)
11
OPCLK_ENA
(rw)
0b
GPIO Clock Output Enable
0 = disabled
1 = enabled
Table 60 OPCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com