Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
112
CONTROL INTERFACE
The WM8959 is controlled by writing to its control registers. Readback is available for certain
registers, including device ID, power management registers and some GPIO status bits. The control
interface can operate as either a 2-, 3- or 4-wire control interface, with additional variants as detailed
below:
1.
2-wire
- open-drain
2.
3-wire
- push 0/1
- open drain
3.
4-wire
- push 0/1
- wired-OR
Readback is provided on the bi-directional pin SDIN in 2-/3-wire modes and on a GPIO pin in 4-wire
mode.
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
MODE pin determines the 2- or 3-/4-wire mode as shown in Table 66.
MODE
INTERFACE FORMAT
Low
2 wire
High
3- or 4- wire
Table 66 Control Interface Mode Selection
2-WIRE SERIAL CONTROL MODE
The WM8959 is controlled by writing to registers through a 2-wire serial control interface. A control
word consists of 24 bits. The first 8 bits (B23 to B16) are address bits that select which control
register is accessed. The remaining 16 bits (B15 to B0) are data bits, corresponding to the 16 bits in
each control register. Many devices can be controlled by the same bus, and each device has a
unique 7-bit address (this is not the same as the 8-bit address of each register in the WM8959). The
default device address is 0011010 (0x34h).
The WM8959 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDIN while SCLK remains high. This indicates that a device address and
data will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight
bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address received matches the
address of the WM8959, then the WM8959 responds by pulling SDIN low on the next clock pulse
(ACK). If the address is not recognised or the R/W bit is ‘1’ when operating in write only mode, the
WM8959 returns to the idle condition and wait for a new start condition and valid address.
The WM8959 supports a multitude of read and write operations, which are:
•
Single write
•
Single read
•
Multiple write using auto-increment
•
Multiple read using auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com