Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
118
CHIP RESET AND ID
The device ID can be read back from register 0. Writing to this register will reset the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Reset / ID
15:0
SW_RESET_
CHIP_ID
[15:0]
(rr)
8990h
Writing to this register resets all registers
to their default state.
Reading from this register will indicate
device family ID 8990h.
Table 71 Chip Reset and ID
SAVING POWER AT HIGHER SUPPLY VOLTAGE
The AVDD supply of the WM8959 can operate between 2.7V and 3.6V. By default, all analogue
circuitry on the device is optimized to run at 3.3V. This set-up is also good for all other supply
voltages down to 2.7V. At lower voltages, performance can be improved by increasing the bias
current. If low power operation is preferred the bias current can be left at the default setting. This is
controlled as shown in Table 72.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51 (33h)
8:7
VSEL
[1:0]
11
Analogue Bias Optimisation
00 = Reserved
01 = Bias current optimized for AVDD=2.7V
1X = Bias current optimized for AVDD=3.3V
Table 72 Bias Optimisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com