Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 31 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AD2437
Rev. 0
|
Page 31 of 42
|
July 2023
THERMAL CHARACTERISTICS
The AD2437 A2B transceiver is rated for performance over the
temperature range specified in Operating Conditions.
The JESD51 package thermal characteristics in this section are
provided for package comparison and estimation purposes only.
They are not intended for accurate system temperature calcula-
tion. System thermal simulation is required for accurate
temperature analysis that accounts for all specific 3D system
design features, including, but not limited to other heat sources,
use of heat-sinks, and the system enclosure. Contact Analog
Devices for package thermal models that are intended for use
with thermal simulation tools.
In Table 19, airflow measurements comply with JEDEC stan-
dards JESD51-13, and the junction-to-board measurement
complies with JESD51-8. Test board design complies with
JEDEC standards JESD51-7 for leaded surface mount packages.
The junction-to-case measurement complies with MIL-STD-
883 (Method 1012.1). All measurements use a 2S2P JEDEC test
board.
To estimate the junction temperature of a single device while on
a JEDEC 2S2P PCB, use:
TJ = TCASE + (JT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured at the top center of
the package.
JT is the typical value (junction-to-top of package characteriza-
tion parameter) from Table 19.
PD is the power dissipation.
Values of JA are provided for package comparison and PCB
design considerations. JA can be used for a first-order approxi-
mation of TJ by the equation:
TJ = TA + JA × PD
where TA is the ambient temperature (°C).
Values of JB are provided for package comparison and PCB
design considerations when an external heat sink is required.
The 48-lead LFCSP package requires thermal trace squares and
thermal vias to an embedded ground plane in the PCB. The
exposed paddle must connect to ground for proper operation
and to meet data sheet specifications. Refer to JEDEC standard
JESD51-5 for more information.
Note that the thermal characteristics values provided in
Table 19 are modeled values.
TEST CIRCUITS AND SWITCHING
CHARACTERISTICS
Figure 27 shows a line driver voltage measurement circuit of the
differential line driver and receiver AP/AN and BP/BN pins.
Table 19. Thermal Characteristics
Parameter
Conditions
Typical (°C/W)
JA
Airflow = 0 m/s
23.256
JMA
Airflow = 1 m/s
20.98
JMA
Airflow = 2 m/s
20.19
JB
Airflow = 0 m/s
5.8
JT
Airflow = 0 m/s
0.16
JT
Airflow = 1 m/s
0.28
JT
Airflow = 2 m/s
0.36
Figure 27. Differential Line Driver Voltage Measurement
VOD
AP/BP
AN/BN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com