Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 27 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD2437 Datasheet HTML 23Page - Analog Devices AD2437 Datasheet HTML 24Page - Analog Devices AD2437 Datasheet HTML 25Page - Analog Devices AD2437 Datasheet HTML 26Page - Analog Devices AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AD2437
Rev. 0
|
Page 27 of 42
|
July 2023
RMS Time Interval Error (TIE) Jitter
Clocks in an A2B system are passed from the main node to Sub-
ordinate Node 0, from Subordinate Node 0 to Subordinate
Node 1, and so on. Each transceiver adds self jitter to the incom-
ing jitter, which results in jitter growth from the main node to
the nth subordinate node. Table 14 illustrates typical RMS TIE
jitter growth.
Table 14. SYNC Output RMS TIE Jitter at Each Subordinate
Node1
1 Measured at fSYNC = 48 kHz.
Subordinate Node
Typ
Max
Unit
1
1.25
2.28
ns
2
1.47
2.29
ns
3
1.59
2.41
ns
4
1.76
2.59
ns
5
1.88
2.95
ns
6
1.99
3.18
ns
7
2.14
3.57
ns
8
2.24
3.08
ns
9
2.31
4.01
ns
10
2.48
4.24
ns
11
2.60
4.31
ns
12
2.66
4.35
ns
13
2.70
4.55
ns
14
2.75
4.59
ns
15
2.80
4.70
ns
16
2.95
4.89
ns
Table 15. BCLK Output RMS TIE Jitter at Each Subordinate
Node1
Subordinate Node
Typ
Max
Unit
1
1.19
2.09
ns
2
1.39
2.21
ns
3
1.59
2.33
ns
4
1.76
2.51
ns
5
1.86
2.86
ns
6
1.91
3.11
ns
7
2.06
3.31
ns
8
2.21
3.45
ns
9
2.28
3.84
ns
10
2.31
4.00
ns
11
2.47
4.03
ns
12
2.57
4.06
ns
13
2.74
4.28
ns
14
2.78
4.38
ns
15
2.83
4.50
ns
16
2.88
4.60
ns
1 Measured at fBCLK = 3.072 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com