Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 22 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD2437 Datasheet HTML 18Page - Analog Devices AD2437 Datasheet HTML 19Page - Analog Devices AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices AD2437 Datasheet HTML 22Page - Analog Devices AD2437 Datasheet HTML 23Page - Analog Devices AD2437 Datasheet HTML 24Page - Analog Devices AD2437 Datasheet HTML 25Page - Analog Devices AD2437 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Rev. 0
|
Page 22 of 42
|
July 2023
AD2437
Serial Peripheral Interface (SPI) Port—Master Timing
Table 10 and Figure 20 describe serial peripheral interface (SPI) port master operations.
Table 10. Serial Peripheral Interface (SPI) Port—Master Timing
IOVDD = 1.8 V
IOVDD = 3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSMISO
Data Input Valid to SCK Sample Edge (Data Input Setup)
18.5
17.5
ns
tHMISO
SCK Sample Edge to Data Input Invalid (Data Input Hold)
5.50
6.75
ns
Switching Characteristics
tSCKM
1
1 Measured at fSCKM = 1/tSCKM = 12.288 MHz. Specification scales with fSCKM.
SCK Period
80.3
80.5
ns
fSCKHM
1
SCK High Period
32.75
39.5
ns
tSCKLM
1
SCK Low Period
37.0
39.7
ns
tDMOSI
SCK Drive Edge to Data Out Valid (Data Out Delay)
9.00
3.25
ns
tHDMOSI
SCK Drive Edge to Data Out Invalid (Data Out Hold)
0.5
0.5
ns
tSSSM
1
SPISSELn Assertion to First SCK Edge
75.75
77.00
ns
tHSSM
1
Last SCK Edge to SPISSELn Deassertion
35.50
36.75
ns
tSSPWM
SPISSELn Pulse Width High (Inactive State Between Transfers)
11.25
11.25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com