Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 11 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2437 Datasheet HTML 7Page - Analog Devices AD2437 Datasheet HTML 8Page - Analog Devices AD2437 Datasheet HTML 9Page - Analog Devices AD2437 Datasheet HTML 10Page - Analog Devices AD2437 Datasheet HTML 11Page - Analog Devices AD2437 Datasheet HTML 12Page - Analog Devices AD2437 Datasheet HTML 13Page - Analog Devices AD2437 Datasheet HTML 14Page - Analog Devices AD2437 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Rev. 0
|
Page 11 of 42
|
July 2023
AD2437
Bus Voltage
Chip Reset Assertion Voltage Threshold4
VRST_VIN
VVIN dropping, LVI Mode = 0, 1
2.49
2.73
V
VRST_DVDD
VDVDD dropping
1.1
1.5
V
VRST_IOVDD
VIOVDD dropping
1.0
1.5
V
VRST_TRXVDD
VTRXVDD dropping, LVI Mode = 0, 1
2.2
2.8
V
Chip Reset Deassertion Voltage Threshold5
VRSTN_VIN
VVIN rising, LVI Mode = 0, 1
2.76
3.10
V
VRSTN_DVDD
VDVDD rising
1.50
1.65
V
VRSTN_IOVDD
VIOVDD rising
1.20
1.62
V
VRSTN_TRXVDD
VTRXVDD rising, LVI Mode = 0, 1
2.53
3.05
V
Voltage Regulator (VREG1, VREG2)
VVOUT1
VREG1 Output Voltage
1.80
1.90
1.98
V
VVOUT2
VREG2 Output Voltage
3.15
3.30
3.45
V
IVOUT1
6
VREG1 Output Current
100
7
mA
IVOUT2
6
VREG2 Output Current
100
7
mA
IVOUT1 + IVOUT2
1307
mA
V
OUT1_LNREG
VVOUT1 Line Regulation
VVIN = 3.13 V to 3.47 V,
IVOUT1 = 100 mA, LVI_MODE = 1
5mV
V
OUT1_LNREG
VVOUT1 Line Regulation
VVIN = 3.7 V to 4.9 V,
IVOUT1 = 100 mA
5mV
V
OUT2_LNREG
VVOUT2 Line Regulation
VVIN = 3.7 V to 6.3 V,
IVOUT2 = 100 mA
15
mV
V
OUT1_LNREG
VVOUT1 Line Regulation
VVIN = 3.7 V to 9 V,
IVOUT1 = 40 mA
6mV
V
OUT2_LNREG
VVOUT2 Line Regulation
VVIN = 3.7 V to 9 V,
IVOUT2 = 50 mA
8mV
V
OUT1_LDREG
VVOUT1 Load Regulation
VVIN = 3.13 V,
IVOUT1=1mA to 100 mA, LVI_MODE = 1
33
mV
V
OUT1_LDREG
VVOUT1 Load Regulation
VVIN = 3.7 V,
IVOUT1 = 1 mA to 40 mA
15
mV
V
OUT2_LDREG
VVOUT2 Load Regulation
VVIN = 3.7 V,
IVOUT2 = 1mA to 50 mA
25
mV
V
OUT1_LDREG
VVOUT1 Load Regulation
VVIN = 3.7 V,
IVOUT1= 1mA to 100 mA
33
mV
V
OUT2_LDREG
VVOUT2 Load Regulation
VVIN = 3.7 V,
IVOUT2 = 1mA to 100 mA
42
mV
CLoad1
VREG1 Load Capacitance
1.8
26
μF
CLoad2
VREG2 Load Capacitance
3.9
26
μF
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com