Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 30 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD2437 Datasheet HTML 26Page - Analog Devices AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Rev. 0
|
Page 30 of 42
|
July 2023
AD2437
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 17 can cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
Permanent damage can occur if the digital pin output current
per pin group value is exceeded. For example, if three pins from
Group 2 in the Total Current Pin Groups table are sourcing or
sinking 2 mA each, the total current for those pins is 6 mA. Up
to 9 mA can be sourced or sunk by the remaining pins in the
group without damaging the device.
ESD CAUTION
Table 17. Absolute Maximum Ratings
Parameter
Rating
VIN to VSS
VBUS to VSS
Power Supply IOVDD to IOVSS
Power Supply DVDD to DVSS
Power Supply PLLVDD to PLLVSS
Power Supply TRXVDD to TRXVSS
Digital Pin Output Voltage Swing
1
1 Applies to BCLK, SYNC, ADR1, ADR2, SCK, MISO, MOSI, SIOn, IRQ, and
GPIO7 pins.
–0.3 V to +30 V
–0.3 V to +30 V
–0.3 V to +3.63 V
–0.3 V to +1.98 V
–0.3 V to +1.98 V
–0.3 V to +3.63 V
–0.3 V to VIOVDD + 0.5 V
Pin Voltage While IOVDD is Unbiased
I
2C Pins SCL and SDA
Other Digital Pins1
–0.3 V to +5.5 V
–0.3 V to +0.3 V
Pin Voltage While IOVDD is Biased
I2C Pins SCL and SDA
Other Digital Pins
2, 3
Other Digital Pins
2, 4
2 Applies to BCLK, SYNC, ADR1, ADR2, SCK, MISO, MOSI, SIOn, RST, and
GPIO7 pins.
3 Applies when nominal V
IOVDD is 1.8 V.
4 Applies when nominal VIOVDD is 3.3 V.
–0.3 V to +5.5 V
–0.3 V to +2.10 V
–0.3 V to +3.63 V
A2B Bus Terminal Voltage
(AP, AN, BP, and BN Pins)
Voltage to VSS
ISENSEP, ISENSEN, VSENSEP, VSENSEN
SWN
ISENSEP
SWP to VSENSEP
–0.3 V to +4.1 V
–0.3 V to +30 V
–0.3 V to +7 V
VVBUS ±7 V
–0.3 V to +8 V
Storage Temperature Range
Junction Temperature While Biased
–65°C to +150°C
–40°C to +125°C
Digital Pin Output Current per Pin
Group
5
5 For more information, see the following description and Table 18.
15 mA
Table 18. Total Current Pin Groups
Group
Pins in Group
1
SIO0, SIO1, SIO2, SYNC, BCLK
2
SIO3, SIO4, GPIO7
3SDA
1, SCL1, MISO2, MOSI2, SCK2
1 Applicable when SCL and SDA are used as GPIO.
2 PWM pins are multiplexed with SPI pins and cannot directly drive high power
LEDs. An LED driver can be interfaced to drive high power LEDs.
4
ADR1, ADR2, IRQ
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com